Electronic Components Datasheet Search
  English  ▼

X  

TS19704CSRLG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19704CSRLG
Description  Single-Stage Primary-Side Control with High PFC LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19704CSRLG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19704CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS19704
Single-Stage Primary-Side Control
with High PFC LED Driver
1/7
Version: C12
SOP-8
Description
The TS19704 is a Primary-Side Control IC, high efficiency and simpler design with active power factor correction
especially for LED lighting applications. The IC achieves high power factor and low THD operation by
Discontinuous Conduction Mode (DCM) and constant on time. Precise constant current control regulates about
±3% accurate versus changes in input voltage and output voltage. TS19704 also provides gate driving voltage
clamping, Vcc overvoltage protection and system output open/short circuit protection to increase device
performance.
Features
●
Primary-side feedback control
●
Universal Input Voltage from 90VAC ~ 264VAC
●
Built-in Active Power Factor Correction
●
Constant Output Current Control
●
DCM Constant On-Time topology
●
Good Line and Load Regulation
●
Open-LED Protection on DMG pin
●
Over-Voltage Protection on VCC pin
●
Short-LED Protection
●
Cycle by Cycle Over current Protection on CS pin
●
Over-Temperature Protection
●
Programmable switching frequency by RT Pin
●
Gate Driving Voltage Clamping
Application
●
LED Down Light
●
LED Tube
●
LED PAR Lamp
●
LED Bulb
Ordering Information
Part No.
Package
Packing
TS19704CS RLG
SOP-8
2.5Kpcs / 13” Reel
Note: “G” denote for Halogen Free Product
Application Circuit
Pin Definition:
1. RT
8. VINT
2. DMG
7. COMP
3. VCC
6. GND
4. OUT
5. CS


Similar Part No. - TS19704CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19701A TSC-TS19701A Datasheet
216Kb / 9P
CC/CV Primary-Side PWM Controller Power on Soft-start
TS19701ACX6RFG TSC-TS19701ACX6RFG Datasheet
216Kb / 9P
CC/CV Primary-Side PWM Controller Power on Soft-start
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
High Power Factor Corrector LED Driver
TS19702 TSC-TS19702 Datasheet
1Mb / 9P
High Power Factor Corrector LED Driver
TS19702CX6-RFG TSC-TS19702CX6-RFG Datasheet
411Kb / 9P
High Power Factor Corrector LED Driver
More results

Similar Description - TS19704CSRLG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FLS3217 FAIRCHILD-FLS3217 Datasheet
787Kb / 14P
Single-Stage PFC Primary-Side-Regulation Offline LED Driver with Integrated Power MOSFET
logo
BCD Semiconductor Manuf...
AP1682 BCDSEMI-AP1682 Datasheet
374Kb / 11P
Single Stage Primary Side Regulation PFC Controller For LED Driver
logo
Fairchild Semiconductor
FL7732MF116 FAIRCHILD-FL7732MF116 Datasheet
1Mb / 13P
Single-Stage PFC Primary-Side-Regulation Offline LED Driver
logo
Unisonic Technologies
UPSL101 UTC-UPSL101 Datasheet
175Kb / 7P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
logo
Taiwan Semiconductor Co...
TS19705 TSC-TS19705 Datasheet
359Kb / 7P
Single-Stage PFC Primary-Side-Regulation LED Driver
logo
List of Unclassifed Man...
FT825 ETC2-FT825 Datasheet
393Kb / 12P
Primary-Side Control LED Driver with High PFC
logo
Diodes Incorporated
AP1682E DIODES-AP1682E Datasheet
366Kb / 10P
SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR LED DRIVER
Rev 1
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
Rev 2
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
Single stage, primary control with PFC and dimming
logo
ON Semiconductor
FLS3217 ONSEMI-FLS3217 Datasheet
430Kb / 15P
Single-Stage PFC Primary-Side-Regulation Offline LED Driver
July 2014 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com