Electronic Components Datasheet Search
  English  ▼

X  

AH49F Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AH49F
Description  LINEAR HALL EFFECT IC Miniature Construction
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH49F Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AH49F Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Preliminary Datasheet
LINEAR HALL EFFECT IC
AH49F
Jun. 2011
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
10
V
Instantaneous Supply Voltage
VCC_INST
50
V
TO-92S
400
Power Dissipation
SOT-23-3
PD
230
mW
Ambient Temperature
TA
-40 to 125
°C
Storage Temperature
TSTG
-50 to 150
°C
ESD (Human Body Model)
6000
V
ESD (Machine Model)
600
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions (TA=25°C)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3
8
V
Operating Temperature
TOP
-40
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com