Electronic Components Datasheet Search
  English  ▼

X  

AH49F Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AH49F
Description  LINEAR HALL EFFECT IC Miniature Construction
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH49F Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AH49F Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH49F Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary Datasheet
LINEAR HALL EFFECT IC
AH49F
Jun. 2011
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
1
General Description
The AH49F is a small, versatile linear Hall-effect
device that is operated by the magnetic field from a
permanent magnet or an electromagnet. The output
voltage is set by the supply voltage and varies in
proportion to the strength of the magnetic field.
The integrated circuitry features low noise output,
which makes it unnecessary to use external filtering
components. It also includes precision resistors to
provide increased temperature stability and accuracy.
The operating temperature range of these linear Hall
sensors
is
-40°C
to
105°C,
appropriate
for
commercial, consumer, and industrial environments.
The AH49F is available in standard TO-92S and
SOT-23-3 packages.
Features
•
Miniature Construction
•
Power Consumption of 3.0mA at VCC=5V for
Energy Efficiency
•
Single Current Sourcing Output
•
Linear Output for Circuit Design Flexibility
•
Low Noise Output Virtually Eliminates the Need
•
for Filtering
•
A Stable and Accurate Output
•
Temperature Range: -40°C to 105°C
•
Responds to Either Positive or Negative Gauss
•
The Maximum Instantaneous Supply Voltage
•
Up to 50V
•
High ESD Rating: 6000V (Human Body Model)
600V (Machine Model)
Application
•
Current Sensing
•
Motor Control
•
Position Sensing
•
Magnetic Code Reading
•
Rotary Encoder
•
Ferrous Metal Detector
•
Vibration Sensing
•
Liquid Level Sensing
•
Weight Sensing
Figure 1. Package Types of AH49F
TO-92S
SOT-23-3


Similar Part No. - AH49F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH49F DIODES-AH49F Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
AH49FDNTR-G1 DIODES-AH49FDNTR-G1 Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
AH49FNTR-G1 DIODES-AH49FNTR-G1 Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
Linear Hall-Effect IC
logo
Diodes Incorporated
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
More results

Similar Description - AH49F

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH49E BCDSEMI-AH49E Datasheet
133Kb / 8P
LINEAR HALL-EFFECT IC
logo
Nanjing Ouzhuo Technolo...
OH49F OHHALLSENSOR-OH49F Datasheet
155Kb / 3P
LINEAR HALL-EFFECT IC
OH49F-S OHHALLSENSOR-OH49F-S Datasheet
189Kb / 4P
LINEAR HALL-EFFECT IC
logo
Diodes Incorporated
AH49H DIODES-AH49H Datasheet
421Kb / 10P
LINEAR HALL EFFECT IC
Rev 1.2
AH49F DIODES-AH49F Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
AH49E DIODES-AH49E Datasheet
601Kb / 10P
LINEAR HALL-EFFECT IC
Rev 1
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
Linear Hall-Effect IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
Nanjing Ouzhuo Technolo...
OH49E OHHALLSENSOR-OH49E Datasheet
238Kb / 3P
LINEAR HALL-EFFECT IC
logo
Diodes Incorporated
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com