Electronic Components Datasheet Search
  English  ▼

X  

AP2602 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2602
Description  Octave Remote Resistor-programmable Temperature Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2602 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2602 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary Datasheet
Octave Remote Resistor-programmable Temperature Switches
AP2602
Feb. 2012
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
7
Typical Performance Characteristics (Continued)
Figure 8. TMSNSX Input Threshold (VTH/VCC)
Figure 9. Offset Voltage between VTRIG and TMSNSX
vs. Case Temperature
vs. Case Temperature
VTMSNS1
2V/div
VTMSNS2
2V/div
VOT12
2V/div
Time (10
µs/div)
Figure 10. Open-drain OTXY
__________
Output Sink Current
Figure 11. Deglitch time to OT High (VSEL=VCC)
vs. OTXY
__________
Voltage
(Conditions: VCC=5V, VTMSNS1=0.5V to 3V,
VTMSNS2=2.5V)
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Case Temperature (
oC)
V
SEL
=GND
V
TRIG
=1V
V
CC
=3.3V
V
CC
=5V
012345
0
5
10
15
20
25
30
V
CC
=5V
V
SEL
=V
CC
V
TMSNSX
=0V
T
C
=-40
oC
T
C
=25
oC
T
C
=150
oC
OTXY Voltage (V)
-50
-25
0
25
50
75
100
125
150
0.245
0.246
0.247
0.248
0.249
0.250
0.251
0.252
Case Temperature (
oC)
V
SEL
=V
CC
V
CC
=3.3V
V
CC
=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com