Electronic Components Datasheet Search
  English  ▼

X  

AP2602 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP2602
Description  Octave Remote Resistor-programmable Temperature Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2602 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2602 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Preliminary Datasheet
Octave Remote Resistor-programmable Temperature Switches
AP2602
Feb. 2012
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
8
Typical Performance Characteristics (Continued)
VTMSNS1
VTMSNS1
2V/div
2V/div
VTMSNS2
VTMSNS2
2V/div
2V/div
VOT12
VOT12
2V/div
2V/div
Time (50
µs/div)
Time (10
µs/div)
Figure 12. Deglitch time to OT Low (VSEL=VCC)
Figure 13. Deglitch time to OT High (VSEL=GND)
(Conditions: VCC=5V, VTMSNS1=0.5V to 3V,
(Conditions: VCC=5V, VTMSNS1=0.5V to 3V,
VTMSNS2=2.5V)
VTMSNS2=2.5V, VTRIG=1V)
VTMSNS1
2V/div
VTMSNS2
2V/div
VOT12
2V/div
Time (50
µs/div)
Figure 14. Deglitch Time to OT Low (VSEL=GND)
(Conditions: VCC =5V, VTMSNS1=0.5V to 3V,
VTMSNS2=2.5V, VTRIG=1V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com