Electronic Components Datasheet Search
  English  ▼

X  

AP3203 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3203
Description  380kHz, 3A Asynchronous DC - DC Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3203 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3203 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Preliminary Datasheet
380kHz, 3A Asynchronous DC - DC Buck Converter
AP3203
Mar. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
5
Electrical Characteristics
VIN=VEN=12V, VOUT=3.3V, TA=25
oC, unless otherwise specified. And those in boldface type apply over
the full operating temperature rang (TA=-40ºC to +85ºC).
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage
VIN
4.75
18
V
Quiescent Current
IQ
VEN=2V,
VFB=1.35V
1.0
1.5
mA
Shutdown Supply Current
ISHDN
VEN=0V
1
10
µA
Feedback Voltage
VFB
1.185
1.222
1.258
V
Feedback Over Voltage
Threshold
VFBOV
1.48
V
Feedback SCP Voltage Threshold
VFB_SCP
0.6
V
Feedback Bias Current
IFB
VFB= 1V
-0.1
0.1
µA
Upper Switch On-resistance
RDSONH
ISW=0.5A
0.12
Ω
Lower Switch On-resistance
RDSONL
ISW=0.05A
10
Ω
High-side Switch Leakage
Current
ILEAKH
VIN=18V, VEN=0V
VSW=0V
0.1
10
µA
High-side Switch Current Limit
ILIMH
4
5.2
A
Low-side Switch Current Limit
ILIML
From
Drain
to
Source
0.15
A
VENH
1.5
V
EN Pin Threshold
VENL
0.5
V
EN Pull-up Current
IEN_PH
VEN=0V
1.0
µA
Input UVLO Threshold
VUVLO
VIN Rising
3.55
3.85
4.15
V
Input UVLO Hysteresis
VHYS
0.3
V
Oscillator Frequency
fOSC1
380
kHz
Short Circuit Oscillator
Frequency
fOSC2
80
kHz
Maximum Duty Cycle
DMAX
VFB=1.0V
90
%
Minimum Duty Cycle
DMIN
VFB=1.35V
0
%
Error Amplifier Voltage Gain (Note 3)
AEA
400
V/V
Error Amplifier Transconductance
GEA
700
950
1200
µA/V
COMP
to
Current
Sense
Transconductance
GCS
5.4
A/V
Thermal Shutdown (Note 3)
TOTSD
160
ºC
Thermal Shutdown Hysteresis (Note
3)
THYS
30
ºC
Soft-start Time (Note 3)
tSS
C4=0.1
µF,
IOUT=500mA
10
ms
Soft-start Current
ISS
6
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com