Electronic Components Datasheet Search
  English  ▼

X  

AP3203 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3203
Description  380kHz, 3A Asynchronous DC - DC Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3203 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3203 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Preliminary Datasheet
380kHz, 3A Asynchronous DC - DC Buck Converter
AP3203
Mar. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
7
Typical Performance Characteristics (Continued)
TA=25ºC, VIN=12V, VOUT=3.3V, unless otherwise noted.
Figure 8. RDSONH vs. Temperature
Figure 9. RDSONL vs. Temperature
Figure 10. Output Ripple
Figure 11. Load Transient
(VIN=12V,VOUT=3.3V, IOUT=3A)
(VIN=12V, VOUT=3.3V, IOUT=2A to 3A)
VSW
5V/div
IL
1A/div
VOUT(AC)
20mV/div
Time 10ms/div
IL
1A/div
VOUT(AC)
200mV/
di
-60
-40
-20
0
20
40
60
80
100
120
140
60
70
80
90
100
110
120
130
140
150
160
170
Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
140
6
8
10
12
14
16
18
Temperature (
oC)
Time 2
µs/div
Time 400
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com