Electronic Components Datasheet Search
  English  ▼

X  

AP3211 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3211
Description  1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3211 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3211 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211
Jul. 2011
Rev. 1.3
BCD Semiconductor Manufacturing Limited
5
Electrical Characteristics
VIN=VEN=12V, VOUT=3.3V, TA=25ºC, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage
VIN
4.5
18
V
Quiescent Current
IQ
VFB=0.9V
0.8
1.1
mA
Shutdown Supply Current
ISHDN
VEN=0V
0.1
1.0
μA
Feedback Voltage
VFB
0.785
0.810
0.835
V
Feedback Over Voltage Threshold
VFBOV
0.972
V
Feedback Bias Current
IFB
VFB=0.85V
-0.1
0.1
μA
Switch On-resistance
RDSON
ISW=1A
0.35
Ω
Switch Leakage Current
ILEAK
VIN=18V,
VEN=0V
0.1
10
μA
Switch Current Limit
ILIM
1.8
2.4
A
VENH
1.5
EN Pin Threshold
VENL
0.4
V
Input UVLO Threshold
VUVLO
VIN Rising
3.3
3.8
4.3
V
Input UVLO Hysteresis
VHYS
0.2
V
fOSC1
1.1
1.4
1.7
MHz
Oscillator Frequency
fOSC2
Short Circuit
460
kHz
Max. Duty Cycle
DMAX
VFB=0.6V
90
%
Min. Duty Cycle
DMIN
VFB=0.9V
0
%
Minimum On Time
tON
100
ns
Thermal Shutdown
TOTSD
160
ºC
Thermal Shutdown Hysteresis
THYS
20
ºC
Soft-start Time
tSS
200
μs
Note 2: RDSON , tON, TOTSD, THYS and tSS are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com