Electronic Components Datasheet Search
  English  ▼

X  

AP3211 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP3211
Description  1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3211 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3211 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211
Jul. 2011
Rev. 1.3
BCD Semiconductor Manufacturing Limited
8
Typical Performance Characteristics (Continued)
TA=25ºC, VIN=12V, VEN=5V,VOUT=3.3V, unless otherwise noted.
Figure 12. Enable Turn-on Characteristic
Figure 13. Enable Turn-off Characteristic
(Resistance Load, RLOAD=2.6Ω)
(Resistance Load, RLOAD=2.6Ω)
Figure 14. Short Circuit Protection (IOUT=1.5A)
Figure 15.Short Circuit Recovery (RLOAD=2.6Ω)
Time (100
μs/div)
VEN
3.8V/div
VOUT
1V/div
VSW
5V/div
IL
1A/div
VEN
3.4V/div
VOUT
1V/div
VSW
5V/div
IL
1A/div
Time (10
μs/div)
VFB
1V/div
VOUT
2V/div
IL
1A/div
VSW
10V/div
Time (400
μs/div)
Time (400
μs/div)
VOUT
2V/div
VFB
1V/div
IL
1A/div
VSW
10V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com