Electronic Components Datasheet Search
  English  ▼

X  

V2DIP2-48 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # V2DIP2-48
Description  Designed to allow rapid development of designs using the VNC2-48Q IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-48 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  V2DIP2-48 Datasheet HTML 1Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 2Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 3Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 4Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 5Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 6Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 7Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
3
Document Reference No.: FT_000237
V2DIP2-48 VNC2-48 Development Module Datasheet Version 1.01
Clearance No.: FTDI# 152
2 Features
The V2DIP2-48 incorporates the following features
:
Uses FTDI’s VNC2-48Q embedded USB host
controller IC device
Two USB ‘A’ type socket to interface with USB
peripheral devices
Jumper selectable UART, parallel FIFO or SPI
MCU interfaces
UART, parallel FIFO and SPI interfaces can be
programmed to a choice of available I/O pins
Single 5V supply input from DIL connectors or
5V supplied via USB VBUS slave interface or
debugger module.
Auxiliary 3.3 V / 200 mA power output to
external logic.
All VNC2 signals available on 0.6” wide. 0.1”
pitch DIL male connectors.
Power and traffic indicator LED’s
V2DIP2-48 is a Pb-free, RoHS complaint
development module.
Debugger interface pin available on DIL pins or
via 6 way male header which interfaces to
separate debugger module.
Firmware upgrades via UART or debugger
interface pin header
FOC software development suite of tools to
create customised firmware includes a
Compiler, Linker,Debugger and Assembler all
wrapped up in an easy to use Integrated
Design Environment GUI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com