Electronic Components Datasheet Search
  English  ▼

X  

V2DIP2-48 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # V2DIP2-48
Description  Designed to allow rapid development of designs using the VNC2-48Q IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-48 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button V2DIP2-48 Datasheet HTML 3Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 4Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 5Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 6Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 7Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 9Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 10Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
6
Document Reference No.: FT_000237
V2DIP2-48 VNC2-48 Development Module Datasheet Version 1.01
Clearance No.: FTDI# 152
3.2 Pin Signal Description
Pin No.
(VDIP2)
Name
(VDIP2)
Pin Name
on PCB
Type
Description
J1-1
(1)
NC
-
-
Not connected
J1-2
(2)
5V0
5V0
PWR Input 5.0V module supply pin. This pin can be used to provide the 5.0V
input to the V2DIP2-48 when the V2DIP2-48 is not powered from the
USB connector (VBUS) or the debugger interface. Also connected to
DIL connector pins J1-2, J1-3 and J1-9 and J3-6.
J1-3
(3)
5V0
5V0
PWR Input 5.0V module supply pin. This pin can be used to provide the 5.0V
input to the V2DIP2-48 when the V2DIP2-48 is not powered from the
USB connector (VBUS) or the debugger interface. Also connected to
DIL connector pins J1-2, J1-3 and J1-9 and J3-6.
J1-4
(4)
IOBUS5
IO5
Output
USB port 1 traffic activity indicator LED. This pin is hard wired to a
green LED on board the PCB. It is also brought out onto this pin which
allows for the possibility of bringing out an additional LED traffic
indicator out of the VDIP2 board. For example, if the VDIP2 USB
connector is brought out onto an instrument front panel, an activity
LED could be mounted along side it.
J1-5
(5)
IOBUS6
IO6
Output
USB port 2 traffic activity indicator LED. This pin is hard wired to a
green LED on board the PCB. It is also brought out onto this pin which
allows for the possibility of bringing out an additional LED traffic
indicator out of the VDIP2 board. For example, if the VDIP2 USB
connector is brought out onto an instrument front panel, an activity
LED could be mounted along side it.
J1-6
(6)
IOBUS7
IO7
I/O
5V safe bidirectional data / control bus bit 7
J1-7
(7)
IOBUS8
IO8
I/O
5V safe bidirectional data / control bus bit 8
J1-8
(8)
IOBUS9
IO9
I/O
5V safe bidirectional data / control bus bit 9
J1-9
(9)
5V0
5V0
PWR
5.0V module supply pin. This pin can be used to provide the 5.0V
input to the V2DIP2-48 when the V2DIP2-48 is not powered from the
USB connector (VBUS) or the debugger interface. Also connected to
DIL connector pins J1-2, J1-3 and J1-9 and J3-6.
J1-10
(10)
IOBUS10
IO10
I/O
5V safe bidirectional data / control bus bit 10
J1-11
(11)
IOBUS11
IO11
I/O
5V safe bidirectional data / control bus bit 11
J1-12
(12)
GND
GND
PWR
Module ground supply pin
J1-13
(13)
GND
GND
PWR
Module ground supply pin
J1-14
(14)
IOBUS12
IO12
I/O
5V safe bidirectional data / control bus bit 12
J1-15
(15)
GND
GND
PWR
Module ground supply pin
J1-16
(16)
IOBUS13
IO13
I/O
5V safe bidirectional data / control bus bit 13
J1-17
(17)
IOBUS14
IO14
I/O
5V safe bidirectional data / control bus bit 14
J1-18
(18)
IOBUS15
IO15
I/O
5V safe bidirectional data / control bus bit 15
Table 3.1 - V2DIP2 48 Port Selection Jumper Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com