Electronic Components Datasheet Search
  English  ▼

X  

TL-W5F2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # TL-W5F2
Description  Miniature Inductive Prox
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-W5F2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  TL-W5F2 Datasheet HTML 1Page - Omron Electronics LLC TL-W5F2 Datasheet HTML 2Page - Omron Electronics LLC TL-W5F2 Datasheet HTML 3Page - Omron Electronics LLC TL-W5F2 Datasheet HTML 4Page - Omron Electronics LLC TL-W5F2 Datasheet HTML 5Page - Omron Electronics LLC TL-W5F2 Datasheet HTML 6Page - Omron Electronics LLC TL-W5F2 Datasheet HTML 7Page - Omron Electronics LLC TL-W5F2 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TL-W
TL-W
2
Specifications
Part number
TL-W3M❑❑
TL-W5M❑❑
TL-W20ME❑
Sensor type
Inductive
Body
Size
Flat, rectangular
Type
Unshielded
Supply voltage
10 to 30 VDC, maximum ripple 10% peak-to-peak
Current consumption
15 mA max.
10 mA max.
15 mA max.
Detectable object type
Metal objects
Effective maximum detecting
0 to 2.7 mm
0 to 4.5 mm
0 to 16 mm
distance (with standard object)
(0 to 0.11 in)
(0 to 0.18 in)
(0 to 0.63 in)
Standard target size
12 x 12 x 1 mm
18 x 18 x 1 mm
50 x 50 x 1 mm
(mild steel, LxWxH)
(0.47 x 0.47 x 0.04 in)
(0.71 x 0.71 x 0.04 in)
(1.97 x 1.97 x 0.04 in)
Differential travel
10% max. of effective maximum detecting distance
Control
DC
Type
NPN-NO (TL-W❑MC1)
NPN-NO (TL-W20ME1)
output
solid-
PNP-NO (TL-W❑MB1)
with pull-up resistor
state
NPN-NC (TL-W20ME2)
with pull-up resistor
Max. load
100 mA max.
50 mA max. at 12 VDC,
100 mA max. at 12 VDC
100 mA max. at 24 VDC
200 mA max. at 24 VDC
Max. on-state
1.0 V max.
voltage drop
Response frequency
600 Hz
500 Hz
40 Hz
Circuit
Output short-circuit
Not provided
protection
DC power supply
Provided
reverse polarity
Indicators
Target present (red LED)
Materials
Housing
Plastic (ABS)
Sensing face
Plastic (ABS)
Cable sheath
Oil-proof vinyl
Mounting
Bottom surface with 1
Bottom surface with 2 through holes
through hole, or mounting
bracket supplied
Connections
Prewired
3-conductor cable, 2 m (6.56 ft) length
Weight with cable
30 g (1.06 oz.)
45 g (1.59 oz.)
180 g (6.35 oz.)
Enclosure
UL
—
ratings
NEMA
1, 2, 3, 4X, 6, 12, 13
IEC 144
IP67
Approvals
UL
—
CSA
—
Ambient operating temperature
-25
° to 70°C (-13° to 158°F)
Vibration
10 to 55 Hz, at 1.5 mm in X, Y, and Z directions, double amplitude for 2 hours
Shock
Approx. 50 G, three times
s UNSHIELDED, PLASTIC BODY SENSORS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com