Electronic Components Datasheet Search
  English  ▼

X  

TL-W5F2 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # TL-W5F2
Description  Miniature Inductive Prox
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-W5F2 Datasheet(HTML) 6 Page - Omron Electronics LLC

  TL-W5F2 Datasheet HTML 1Page - Omron Electronics LLC TL-W5F2 Datasheet HTML 2Page - Omron Electronics LLC TL-W5F2 Datasheet HTML 3Page - Omron Electronics LLC TL-W5F2 Datasheet HTML 4Page - Omron Electronics LLC TL-W5F2 Datasheet HTML 5Page - Omron Electronics LLC TL-W5F2 Datasheet HTML 6Page - Omron Electronics LLC TL-W5F2 Datasheet HTML 7Page - Omron Electronics LLC TL-W5F2 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TL-W
TL-W
6
18
(0.71)
Sensing head
OPERATION indicator
Two 3.5 x 5 mounting holes
10 (0.39)
30.5 (1.20)
2 m (6.56 ft) cable, 4 mm OD
TL-W5M❑1
TL-W3M❑1
OPERATION indicator
6 (0.24)
27 (1.06)
10 (0.39)
Mounting hole for
M3 pan-head screw
2 m (6.56 ft) cable, 2.9 mm OD
Sensing head
Mounting bracket (included)
OPERATION indicator
Unit: mm (inch)
Dimensions
TL-W5E, TL-W5F
Mounting holes
10 (0.39)
Sensing surface
OPERATION indicator
Cable, 2 m (6.6 ft) length
Approx. 2
15
±0.2
(0.59)
Two 4.5 (0.18 in)
dia. holes
7.2 (0.28) dia.
4 (0.16)
3 (0.12)
4.2 (0.16) dia.
15
(0.59)
25
(0.98)
50 (1.97)
5.5
10
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com