Electronic Components Datasheet Search
  English  ▼

X  

L9758 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9758
Description  Multiple supply for engine control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 11Page - STMicroelectronics L9758 Datasheet HTML 12Page - STMicroelectronics L9758 Datasheet HTML 13Page - STMicroelectronics L9758 Datasheet HTML 14Page - STMicroelectronics L9758 Datasheet HTML 15Page - STMicroelectronics L9758 Datasheet HTML 16Page - STMicroelectronics L9758 Datasheet HTML 17Page - STMicroelectronics L9758 Datasheet HTML 18Page - STMicroelectronics L9758 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
L9758
Electrical characteristics
Doc ID 14273 Rev 3
15/29
4.4
VDD5 linear regulator
Tamb = -40 °C to 125 °C, VBAT = VBAT_SW = 5.5 to 26.5 V, unless otherwise specified.
4.5
VDDL linear regulator
Tamb = -40 °C to 125 °C, VBAT= VBAT_SW = 5.5 to 26.5 V, unless otherwise specified.
Table 10.
VDD5 linear regulator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD5
Output voltage
5 mA < IDD5 < 1 A VBAT_SW => 5.7 V
5 mA < IDD5 < 800 mA
VBAT_SW = 5.5 V
5 mA < IDD5 < 1 A VBAT_SW ≥ 4 V
4.9
3.3
-
5.1
4.0
V
IDD5_LIM
Current limit
VDD5 = 4.75 V
1200
-
2500
mA
CDD5
ESR
Output capacitor
Ceramic or Tantalum
C = 4.7µF
4.7
0
-
100
160
µF
m
Ω
RRDD5
Ripple rejection
F = 375 kHz
26
-
-
dB
VDD5_MAX
Maximum overshoot
ΔVB/Δt < 70 V/ms
VBAT_SW = 4V ⇒ 8 V
--
5.5
V
ΔV
DD5/Δt
Output voltage slew rate
at power-up
5 mA < IDD5 < 1 A VBAT_SW = 13.5 V
10
-
20
V/ms
IDD5
Load current
-
5
-
1000
mA
VDD5lineR
Line regulation
6.0 V < VB < 7 V
-25
-
+25
mV
VDD5loadR
Load regulation
5 mA < IDD5 < 1 A
-25
-
+25
mV
VDD5-Vddl
Start up
VDD5-Vddl during start up
0.5
-
3.1
mV
Table 11.
VDDL linear regulator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDDL
Output voltage
5 mA < IDDL < 1 A, VPROG3 = Open
4.0 V < VBAT_SW < 18 V
5 mA <IDDL < 1 A, VPROG3 = Low
4.0 V < VBAT_SW < 18 V
3.23
2.55
-
3.37
2.65
V
CDDL
ESR
Output capacitor
Ceramic or Tantalum
4.7
0
-
100
160
µF
m
Ω
RRDDL
Ripple rejection
F= 375 kHz
26
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com