Electronic Components Datasheet Search
  English  ▼

X  

STP10P6F6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP10P6F6
Description  P-channel 60 V, 0.15typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10P6F6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP10P6F6 Datasheet HTML 1Page - STMicroelectronics STP10P6F6 Datasheet HTML 2Page - STMicroelectronics STP10P6F6 Datasheet HTML 3Page - STMicroelectronics STP10P6F6 Datasheet HTML 4Page - STMicroelectronics STP10P6F6 Datasheet HTML 5Page - STMicroelectronics STP10P6F6 Datasheet HTML 6Page - STMicroelectronics STP10P6F6 Datasheet HTML 7Page - STMicroelectronics STP10P6F6 Datasheet HTML 8Page - STMicroelectronics STP10P6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
June 2012
Doc ID 022967 Rev 2
1/15
15
STD10P6F6,
STP10P6F6
P-channel 60 V, 0.15
Ω typ., 10 A STripFET™ VI DeepGATE™
Power MOSFET in DPAK and TO-220 packages
Datasheet — preliminary data
Features
RDS(on) * Qg industry benchmark
Extremely low on-resistance RDS(on)
High avalanche ruggedness
Low gate drive power losses
Applications
Switching applications
Description
These devices are P-channel Power MOSFETs
developed using the 6th generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFETs exhibits
the lowest RDS(on) in all packages.
Figure 1.
Internal schematic diagram
Note:
For the P-channel Power MOSFET the actual polarity of the voltages and the current must
be reversed.
Order codes
VDSS
RDS(on) max
ID
STD10P6F6
60 V
0.18
Ω
10 A
STP10P6F6
60 V
0.18
Ω
10 A
DPAK
1
3
1
2
3
TO-220
AM11258v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD10P6F6
10P6F6
DPAK
Tape and reel
STP10P6F6
10P6F6
TO-220
Tube
www.st.com


Similar Part No. - STP10P6F6

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP10P6F6 VBSEMI-STP10P6F6 Datasheet
1Mb / 8P
N-Channel 60 V(D-S) MOSFET
logo
STMicroelectronics
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
More results

Similar Description - STP10P6F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI260N6F6 STMICROELECTRONICS-STI260N6F6 Datasheet
756Kb / 14P
N-channel 60 V, 0.0024 Ω, 120 A STripFET™VI DeepGATE??Power MOSFET in TO-220 and I²PAK packages
13-Jan-2012
STN3P6F6 STMICROELECTRONICS-STN3P6F6 Datasheet
1Mb / 12P
P-channel 60 V, 0.13 Ω typ., 3 A STripFET™VI DeepGATE??Power MOSFET in a SOT-223 package
14-Mar-2013
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
N-channel 30 V, 0.0037 Ω , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
10-Nov-2009
STD96N3LLH6 STMICROELECTRONICS-STD96N3LLH6 Datasheet
942Kb / 15P
N-channel 30 V, 0.0037 Ω, 80 A, DPAK STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2011
STD70N10F4 STMICROELECTRONICS-STD70N10F4 Datasheet
974Kb / 18P
N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
09-Oct-2009
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
23-May-2013
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
06-Dec-2012
STP45N10F7 STMICROELECTRONICS-STP45N10F7 Datasheet
1Mb / 19P
N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
October 2013 Rev 1
STI360N4F6 STMICROELECTRONICS-STI360N4F6 Datasheet
183Kb / 11P
N-channel 40 V, 120 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAK and TO-220 packages
08-Aug-2012
STI400N4F6 STMICROELECTRONICS-STI400N4F6 Datasheet
181Kb / 11P
N-channel 40 V, 120 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAK and TO-220 packages
13-Aug-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com