Electronic Components Datasheet Search
  English  ▼

X  

AD7658BSTZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD7658BSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7658BSTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7658BSTZ Datasheet HTML 10Page - Analog Devices AD7658BSTZ Datasheet HTML 11Page - Analog Devices AD7658BSTZ Datasheet HTML 12Page - Analog Devices AD7658BSTZ Datasheet HTML 13Page - Analog Devices AD7658BSTZ Datasheet HTML 14Page - Analog Devices AD7658BSTZ Datasheet HTML 15Page - Analog Devices AD7658BSTZ Datasheet HTML 16Page - Analog Devices AD7658BSTZ Datasheet HTML 17Page - Analog Devices AD7658BSTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD7656/AD7657/AD7658
Data Sheet
Rev. D | Page 14 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
0
–160
0
FREQUENCY (kHz)
125
–20
–40
–60
–80
–100
–120
–140
25
50
75
100
VDD/VSS = ±15V
AVCC/DVCC/VDRIVE = +5V
INTERNAL REFERENCE
±10V RANGE
TA = 25°C
fS = 250kSPS
fIN = 50kHz
SNR = +87.33dB
SINAD = +87.251dB
THD = –104.32dB
SFDR = –104.13dB
Figure 4. AD7656 FFT for ±10 V Range
0
–160
0
FREQUENCY (kHz)
125
–20
–40
–60
–80
–100
–120
–140
25
50
75
100
VDD/VSS = ±12V
AVCC/DVCC/VDRIVE = +5V
INTERNAL REFERENCE
±5V RANGE
TA = 25°C
fS = 250kSPS
fIN = 50kHz
SNR = +86.252dB
SINAD = +86.196dB
THD = –105.11dB
SFDR = –98.189dB
Figure 5. AD7656 FFT for ±5 V Range
2.0
–2.0
0
10k
20k
30k
40k
50k
60k 65535
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
AVCC/DVCC/VDRIVE = +5V
VDD/VSS = ±12V
fSAMPLE = 250kSPS
2 × VREF RANGE
INL WCP = 0.64LSB
INL WCN = –0.76LSB
Figure 6. AD7656 Typical INL
2.0
–2.0
0
10k
20k
30k
40k
50k
60k 65535
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
AVCC/DVCC/VDRIVE = +5V
VDD/VSS = ±12V
fSAMPLE = 250kSPS
2 × VREF RANGE
DNL WCP = 0.81LSB
DNL WCN = –0.57LSB
Figure 7. AD7656 Typical DNL
0
2000
4000
6000
8000
10000
12000
14000
16383
CODE
2.0
–2.0
1.6
0.8
0
–0.8
–1.6
1.2
0.4
–0.4
–1.2
AVCC/DVCC/VDRIVE = +5V
VDD/VSS = ±12V
fSAMPLE = 250kSPS
2 × VREF RANGE
Figure 8. AD7657 Typical INL
2.0
–2.0
1.6
0.8
0
–0.8
–1.6
1.2
0.4
–0.4
–1.2
0
2000
4000
6000
8000
10000
12000
14000
16383
CODE
AVCC/DVCC/VDRIVE = +5V
VDD/VSS = ±12V
Figure 9. AD7657 Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com