Electronic Components Datasheet Search
  English  ▼

X  

ACE525C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE525C
Description  300mA High PSRR, Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE525C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE525C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE525C
300mA High PSRR, Linear Regulator
VER 1.4
3
Ordering information
ACE525C XX
XX + H
Block Diagram
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
1.5
6
V
Ambient Temperature
-40
85
Electrical Characteristics
ACE525C, For Arbitrary Output Voltage.(Test Conditions: Cin=1uF,Cout=1uF,TA=25C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
s
Vin
Input Voltage
1.5
6
V
Vout
Output
Voltage
Vout>1.5V
Vin=Set Vout+1V
1mA≤Iout≤30mA
Vout
x0.98
Vout
Vout
x 1.02
V
Vout<=1.5V
Vout
-0.03
Vout
+0.03
Iout (Max.)
Maximun Output Current
Vin-Vout=1V
300
mA
HN: SC-70-5
BM: SOT-23-3L
BN: SOT-23-5
IN: DFN1*1-4
Output Voltage: 1.0V/1.5V/1.8V
…..4.5V
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com