Electronic Components Datasheet Search
  English  ▼

X  

ACE525C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE525C
Description  300mA High PSRR, Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE525C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE525C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE525C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE525C
300mA High PSRR, Linear Regulator
VER 1.4
4
Vdrop1
Dropout Voltage,Vout≥2.8V
Iout=100mA
100
150
mV
Iout=300mA
300
400
mV
△Vout /
△Vin x Vout
Line Regulation
Iout=40mA
2.8V≤Vin≤6V
0.05
0.2
%/V
△Vout /△Iout
Load Regulation
Vin=Set Vout+1V
1mA≤Iout≤300mA
50
80
mV
Iss
Supply Current
Vin=Set Vout+1V
35
80
uA
Istandby
Supply Current (Srandby)
Vin=Set Vout+1V
Vce=Vss
0.1
1.0
uA
△Vout /
△T x Vout
Output Voltage Temperature
Coefficient
Iout=30mA
±100
ppm
/
C
PSRR
Ripple Rejection
F=1KHz,
Ripple=0.5Vp-p
Vin=Set Vout+1V
70
dB
Ilim
Current Limit
300
mA
Vceh
CE Input Voltage “H”
1.5
Vin
V
Vcel
CE Input Voltage “L”
0
0.25
V
en
Output Noise
BW=10Hz~100kHz
47
uVr
ms
Note: Vdrop=Vin1-(Vout2*0.98) Vout2 is the output voltage when Vin=Vout1+1.0V and Iout=300mA.
Vin1 is the input voltage at which the output voltage becomes 98% of Vout1 after gradually decreasing the input voltage.
Typical Application Circuit
ACE525C
Note: Input capacitor (Cin=1uF) and Output capacitor (Cout=1uF) are recommended in all application circuit.
Explanation:
ACE525C series is a group of positive voltage output, low noise, low power consumption, low dropout
voltage regulator.
ACE525C can provide output value in the range of 1.0V~4.5V every 0.1V step. It also can be customized
on command.
ACE525C includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE525C has excellent load and line transient response and good temperature characteristics, which
can assure the stability of chip and power system. And it uses trimming technique to guarantee output
voltage accuracy within±2%.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com