Electronic Components Datasheet Search
  English  ▼

X  

ACE636B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE636B
Description  Common Drain Dual N-Channel Enhancement Mode Field Effect
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE636B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE636B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE636B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE636B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE636B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE636B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACE636B
Common Drain Dual N-Channel Enhancement Mode Field Effect
VER 1.2
1
Description
Advanced trench process technology. High Density Cell Design For Ultra Low On-Resistance. High
Power and Current handing capability. Fully Characterized Avalanche Voltage and Current. Small Surface
Mount Package
Features
V
DS 20V, ID =6A
R
DS(ON)=22mΩ @VGS=4.5V
R
DS(ON)=30mΩ @VGS=2.5V
For a single mosfet
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Note 1), Continuous
ID
6
A
Total Power Dissipation (Note1)
PD
650
mW
Operating and Storage Temperature Range TJ/TSTG -55/150
OC
Note: Mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch.
Packaging Type
SOT-23-6L


Similar Part No. - ACE636B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE632 ACE-ACE632 Datasheet
1Mb / 11P
The ACE632 is the N- and P-Channel enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
VER 1.3
ACE633 ACE-ACE633 Datasheet
1Mb / 10P
60V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
ACE634 ACE-ACE634 Datasheet
1Mb / 9P
20V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
ACE6344B ACE-ACE6344B Datasheet
937Kb / 11P
N and P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE636B

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AO8800 ALPHA-AO8800 Datasheet
226Kb / 6P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8814 AOSMD-AO8814 Datasheet
119Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8816 AOSMD-AO8816 Datasheet
111Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON3812 AOSMD-AON3812 Datasheet
123Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8832 AOSMD-AO8832 Datasheet
219Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KO8822 KEXIN-KO8822 Datasheet
138Kb / 2P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
SI8822 KEXIN-SI8822 Datasheet
158Kb / 2P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com