Electronic Components Datasheet Search
  English  ▼

X  

ACE714B Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE714B
Description  Step-up DC/DC Converter Backlight Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE714B Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE714B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE714B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE714B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE714B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE714B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ACE714B
Step-up DC/DC Converter Backlight Driver
VER 1.2
3
Electrical Characteristics
VIN=VCE=3.7V, TA=25℃, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VFB
FB Control Voltage
94
104
114
mV
VIN
Operating Voltage Range
2.5
5.5
V
ISTB
Stand-by Current
VCE=0, VIN=5V
1
µA
FOSC
Oscillation Frequency
IOUT=100mA
1
1.2
1.5
MHz
MAXDTY
Maximum Duty Cycle
85
92
%
EFFI
Efficiency
RLED=5Ω
88
%
ILIMIT
LX Current Limit
1.3
A
VOVP
Overvoltage Protection
20
28
V
RDS(ON)
LX On Resistance
300
ILVL
LX Leak Current
0
1
µA
VCEH
CE
“H” Voltage
1.5
V
VCEL
CE
“L” Voltage
0.4
V
PWM dimming frequency
200
200K
Hz
Note: 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
2.
θJA is measured in the natural convection at TA = 25°C on a low effective single layer thermal conductivity test board of
JEDEC51-3 thermal measurement standard. Pin 2 of SOT23-
6 packages is the case position for θJC measurement.
3. The device is not guaranteed to function outside its operating conditions.
4. EN pin voltage must be higher than 1.5V.
Typical Application Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com