Electronic Components Datasheet Search
  English  ▼

X  

ACE714B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE714B
Description  Step-up DC/DC Converter Backlight Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE714B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE714B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE714B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE714B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE714B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE714B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACE714B
Step-up DC/DC Converter Backlight Driver
VER 1.2
1
Description
The ACE714B is a fixed frequency, constant current step-up DC/DC converter ideal for driving LEDs
used in backlighting applications on cellular phones, PDAs and digital cameras etc. Output voltage of up
to 28V can be derived, and from a 2.5V i
nput three white LED’s can be driven in series. Luminance of the
LED’s is controlled by changing the duty cycle of a PWM signal applied to the CE pin. In addition, an
internal MOSFET with an Rds-on of 0.3
Ω is used. Allow profile and small board area solution can be
achieved using a chip coil and an ultra small ceramic output capacitor.
Features
Input voltage range : 2.5V-5.5V
Output voltage range : up to 28V
Low 104mV feedback voltage
Oscillation frequency : 1.2MHz
Typical Efficiency : 88%.
Control : PWM control.
Stand-by Current : <1μA
High Supply Capability: Deliver 10V 300mA from 3.5V supply
Lx limit Current : 1.3A
Application
For White LED Drivers
Mobil phones, PHS, PDAs, Digital still cameras
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Vin Voltage
VIN
VSS-0.3~VSS+6
V
Output Voltage
VOUT
VSS-0.3~VSS+30
V
LX Voltage
VLX
VSS-0.3~VSS+30
V
FB Voltage
VFB
VSS-0.3~VSS+6
V
CE Voltage
VCE
VSS-0.3~+6
V
OVP Voltage
VOVP
VSS-0.3~VSS+30
V
Power Dissipation
PD
600
mW
Operating Junction Temperature
TOPR
-25 to +85
Storage Temperature Range
TSTG
-40 to +125
Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These
values must therefore not be exceeded under any conditions.


Similar Part No. - ACE714B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
ACE714C ACE-ACE714C Datasheet
630Kb / 9P
Max. 3MHz, Variable Frequency Step-up DC/DC Converter
VER 1.2
ACE714GM+H ACE-ACE714GM+H Datasheet
172Kb / 8P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
ACE714GM+H ACE-ACE714GM+H Datasheet
428Kb / 9P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
More results

Similar Description - ACE714B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1218X RICOH-R1218X Datasheet
326Kb / 14P
Step-up DC/DC converter for Whilte LED Backlight
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
Step-Up DC/DC Converter-Backlight LED Driver
logo
RICOH electronics devic...
R1218N021A RICOH-R1218N021A Datasheet
960Kb / 21P
Step-up DC/DC converter for White LED Backlight
logo
Torex Semiconductor
XC9116 TOREX-XC9116_1 Datasheet
553Kb / 23P
Step-Up DC/DC Converter-Backlight LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
Torex Semiconductor
XC9133 TOREX-XC9133 Datasheet
545Kb / 15P
Step-Up DC/DC Converter-LED Backlight Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
Step-up DC-DC Converter, White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
Step-up DC/DC converter white LED driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
Step-up DC/DC converter White LED driver
logo
AiT Semiconductor Inc.
A8169-020 AITSEMI-A8169-020 Datasheet
503Kb / 7P
LED BACKLIGHT DRIVER STEP-UP DC/DC CONVERTER
REV2.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com