Electronic Components Datasheet Search
  English  ▼

X  

ACE1550B Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE1550B
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1550B Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE1550B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE1550B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
3
Note:
1. The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design.
2. Repetitive rating, pulse width limited by junction temperature.
3. The RθJA is the sum of the thermal impedence from junction to lead RθJA and lead to ambient .
4.
The static characteristics are obtained using <300 μs pulses, duty cycle 0.5% max.
5. These tests are performed with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The SOA curve provides a single pulse rating.
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com