Electronic Components Datasheet Search
  English  ▼

X  

ACE1557B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1557B
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1557B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1557B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1557B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1557B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1557B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1557B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACE1557B
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
1
Description
The ACE1557B uses advanced trench technology to provide excellent RDS(ON) and low gate charge . This
device is suitable for use as a load switch or in PWM applications.
Features
30V/5A =-30V
R
DS(ON)
=29m
Ω @ V
GS=10V
R
DS(ON)
=41m
Ω @ V
GS=4.5V
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current * AC
TA=25℃
ID
5
A
TA=70℃
4.1
Pulsed Drain Current * B
IDM
20
A
Power Dissipation
TA=25℃
PD
2
W
TA=70℃
1.6
Operating Junction Temperature / Storage Temperature Range TJ/TSTG -55/150
OC
Packaging Type
SOT-223
Ordering information
ACE1557B XX + H
XM : SOT-223
Pb - free
Halogen - free


Similar Part No. - ACE1557B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
1A Bipolar Linear Regulator
2014/12/23
More results

Similar Description - ACE1557B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com