Electronic Components Datasheet Search
  English  ▼

X  

ACE8212B Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE8212B
Description  Common Drain N-Channel Enhancement Mode Field Effect Transistor with ESD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE8212B Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE8212B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE8212B
Common Drain N-Channel Enhancement Mode Field Effect Transistor with ESD
VER 1.2
3
Electrical Characteristics
TA=25℃, unless otherwise noted.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=250 uA
20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=250uA
0.5
0.72
1
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
10
uA
Zero Gate Voltage Drain
Current
IDSS
VDS=20V, VGS=0V
1
uA
Maximum Body-Diode
Continuous Current
IS
2.4
A
Drain-Source On-Resistance
(TSSOP-8)
RDS(ON)
VGS=10V, ID=8A
8.2
13
m
Ω
VGS=4.5V, ID=5A
9.2
14
VGS=2.5V, ID=4A
12
19
VGS=1.8V, ID=3A
18
27
Drain-Source On-Resistance
(DFN2*5)
RDS(ON)
VGS=10V, ID=8A
10
13
m
Ω
VGS=4.5V, ID=7A
11
16
VGS=2.5V, ID=6A
14
22
VGS=1.8V, ID=4.5A
21
35
Forward Transconductance
gfs
VDS=10V,ID=8A
30
S
Diode Forward Voltage
VSD
ISD=1A, VGS=0V
0.72
1.0
V
Switching
Total Gate Charge
Qg
VDS=10V, VGS=4.5V, ID=8A
4.65
6.05
nC
Gate-Source Charge
Qgs
1.12
1.46
Gate-Drain Charge
Qgd
3.72
4.84
Turn-On Time
td(on)
VGS=10V, RL=10Ω, VDS=10V,
RGEN=3Ω
487.6
975.2
ns
tr
800.4
1600.8
Turn-Off Time
td(off)
1728
3456
tf
6180
12360
Dynamic
Input Capacitance
Ciss
VGS=0V, VDS=10V, f=1MHz
36.45
pF
Output Capacitance
Coss
183.88
REVERSE Transfer
Capacitance
Crss
14.57



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com