Electronic Components Datasheet Search
  English  ▼

X  

ACE8212B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE8212B
Description  Common Drain N-Channel Enhancement Mode Field Effect Transistor with ESD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE8212B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE8212B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE8212B Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE8212B
Common Drain N-Channel Enhancement Mode Field Effect Transistor with ESD
VER 1.2
1
Description
The ACE8212B uses advanced trench technology to provide excellent RDS(ON) and low gate charge.
They offer operation over a wide gate drive range from 1.8V to 12V. It is ESD protected. This device is
suitable for use as a uni-directional or bi-directional load switch, facilitated by its common-drain
configuration.
Features
V
DS(V)=20V
I
D=8A (VGS=10V)
TSSOP-8
RDS(ON)<13 mΩ (VGS=10V)
RDS(ON)<14 mΩ (VGS=4.5V)
RDS(ON)<19 mΩ (VGS=2.5V)
RDS(ON)<27 mΩ (VGS=1.8V)
DFN2*5
RDS(ON)<13 mΩ (VGS=10V)
RDS(ON)<16 mΩ (VGS=4.5V)
RDS(ON)<22 mΩ (VGS=2.5V)
RDS(ON)<35 mΩ (VGS=1.8V)
ESD Protected: 2000V
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current *AC
TA=25℃
ID
8
A
TA=70℃
6.4
Pulsed Drain Current
IDM
30
A
Power Dissipation
TSSOP-8
TA=25℃
PD
1.5
W
TA=70℃
1
DFN2*5
TA=25℃
1.6
TA=70℃
1
Operating Junction Temperature / Storage Temperature Range TJ/TSTG -55/150
OC


Similar Part No. - ACE8212B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE8202B ACE-ACE8202B Datasheet
651Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8204TL ACE-ACE8204TL Datasheet
480Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8204TLNN+H ACE-ACE8204TLNN+H Datasheet
480Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8205A ACE-ACE8205A Datasheet
811Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
More results

Similar Description - ACE8212B

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AO8800 ALPHA-AO8800 Datasheet
226Kb / 6P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8814 AOSMD-AO8814 Datasheet
119Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8816 AOSMD-AO8816 Datasheet
111Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON3812 AOSMD-AON3812 Datasheet
123Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KO8822 KEXIN-KO8822 Datasheet
138Kb / 2P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
ACE Technology Co., LTD...
ACE8810B ACE-ACE8810B Datasheet
668Kb / 6P
Common Drain N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
logo
Guangdong Kexin Industr...
SI8822 KEXIN-SI8822 Datasheet
158Kb / 2P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com