Electronic Components Datasheet Search
  English  ▼

X  

ACT200B-200C Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT200B-200C
Description  miniature SMD Watch Crystals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT200B-200C Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT200B-200C Datasheet HTML 1Page - Advanced Crystal Technology ACT200B-200C Datasheet HTML 2Page - Advanced Crystal Technology ACT200B-200C Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
ACT200B / ACT200C
Tape and Reel specification
Standard reel quantity 3000 pieces per reel
Reel Diameted 330±0.5mm
ACT 200B
ACT 200C
Issue 3 C1b
Date 31-5-2012
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
ISO9001:2000 Registered
SOLDERING of SMD WATCH CRYSTALS
Reflow oven should be set up to emulate or better the maximum reflow profile shown in the diagrams below. Note: The times given as well as
the temperatures are equally important to avoid excessive changes of the crystals characteristics. It is advised that trials with any new reflow
profile are carried out to determine the suitability of that profile.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com