Electronic Components Datasheet Search
  English  ▼

X  

ACT200B-200C Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT200B-200C
Description  miniature SMD Watch Crystals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT200B-200C Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT200B-200C Datasheet HTML 1Page - Advanced Crystal Technology ACT200B-200C Datasheet HTML 2Page - Advanced Crystal Technology ACT200B-200C Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
Parameter
Specification
Specification
Condition
Nominal Frequency
fo
32.768KHz
32.768KHz
Frequency Tolerance
f/fo
±20ppm
±20ppm
@25°C
Frequency v Temp Characteristics
f/fo
See Fig. 1
See Fig. 1
-10 ~ +60°C
Turnover Temperature
Tm
25°C ±5°C
25°C ±5°C
refer to fig 1
Freq. Temp. coefficient
-0.035±0.008 ppm/°C²
-0.04 ppm/°C²
Temp Operating Range
Topr
-40 ~ +85°C
-40 ~ +85°C
Temp Storage Range
Tstg
-40 ~ +85°C
-55 ~ +125°C
Equivalent Series Resistance
ESR
50K
 max
50K
 max
@25°C
Shunt Capacitance
Co
1.18pF Typical
1.45pF Typical
Motional Capacitance
C1
2.65fF Typical
2.8fF Typical
Load Capacitance
CL
12.5pF
12.5pF & 6.0pF
Please specify
Capacitance Ratio
430 Typical
480 Typical
Drive Level
DL
1
W max
1
W max
Insulation Resistance
IR
500M
 min
500M
 min
@ DC 100V ±15V
Aging (first year)
Fa
±5ppm max
±3ppm max
25°C ±3°C
Dimensions (mm)
Fig 1.
Issue 3 C1b
Date 31-5-2012
Specification
ACT200B and ACT200C
The ACT200B and ACT200C are miniature SMD Watch Crystals with excellent low power consumption, making it ideal for portable
applications. Its small footprint makes it suitable for high density circuit boards and applications where PCB space is limited. The tape and
reel packaging means that it is ideal for automatic placement machines (loose product is also available).
The heart of the device is a heat resistant precision tuning fork, cylinder type, crystal which provides for good stability characteristics,
sufficient to allow reflow soldering. Both parts are RoHS compatiblethe ACT200C being Lead free and the 200B having high melting point
tin lead solder exempted by the directive.
Applications include: Clock, Sub Clock, Small Communications Devices, Microcomputer etc.
RoHS
200B
200C
Symbol
For quotations or further information please contact us at:
http://www.actcrystals.com
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Please note that all parameters can not necessarily be specified in the same device
Customer to specify: Load Capacitance / ACT200B or ACT200C
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered


Similar Part No. - ACT200B-200C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT200 ETC-ACT200 Datasheet
72Kb / 1P
ACT200
logo
Advanced Crystal Techno...
ACT200 ACT-ACT200 Datasheet
270Kb / 2P
ultra miniature surface mount Watch Crystal with a low power consumption making it ideal for
30-06-06
ACT200A ACT-ACT200A Datasheet
211Kb / 2P
miniature SMD Watch Crystal with excellent low power consumption,
20-12-06
ACT200A ACT-ACT200A_13 Datasheet
327Kb / 3P
miniature SMD Watch Crystal with excellent low power consumption
31-05-2012
More results

Similar Description - ACT200B-200C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT38P VISHAY-XT38P Datasheet
111Kb / 1P
Miniature SMD Watch Crystal
17-Jun-05
logo
Vectron International, ...
VXM1 VECTRON-VXM1 Datasheet
96Kb / 2P
VXM1 Ultra Miniature SMD Crystals
VXM2 VECTRON-VXM2 Datasheet
65Kb / 2P
VXM2 Ultra Miniature SMD Crystals
logo
List of Unclassifed Man...
CM200S ETC2-CM200S Datasheet
41Kb / 2P
SMD-Uhrenquarze SMT Watch Crystals
logo
Golledge Electronics Lt...
GWX GOLLEDGE-GWX_07 Datasheet
53Kb / 1P
Watch Crystals
logo
AEL Crystals Ltd
CM200 AEL-CM200 Datasheet
137Kb / 1P
Plastic Moulded Watch Crystals
logo
Vectron International, ...
VXM1 VECTRON-VXM1_07 Datasheet
99Kb / 2P
VXM1 Ultra Miniature SMD Crystals
VXM4 VECTRON-VXM4_07 Datasheet
101Kb / 2P
VXM4 Ultra Miniature SMD Crystals
VXM5 VECTRON-VXM5_07 Datasheet
104Kb / 2P
VXM5 Ultra Miniature SMD Crystals
logo
List of Unclassifed Man...
X32K768L009 ETC2-X32K768L009 Datasheet
139Kb / 1P
Cylindrical Watch Crystals
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com