Electronic Components Datasheet Search
  English  ▼

X  

ACT752SMX-2 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT752SMX-2
Description  low cost, 2 pad, high quality, low aging 7x5mm SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT752SMX-2 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT752SMX-2 Datasheet HTML 1Page - Advanced Crystal Technology ACT752SMX-2 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Example :
CJ
1200
I
K
G
C
- PF
752SMX-2
(12.000MHz )
(±30ppm)
(±30ppm)
(-20+70)
(1K Reel )
(RoHS)
E
10
F
15
F
Fundamental
G
20
A
3rd Overtone
- PF
H
25
A
-0+50
I
30
E
-10+60
GO
8
L
50
G
-20+70
JO
9
L
-30+85
KO
10
Package
M
-40+85
MO
11
L = Loose
OO
12
C =1K Reels
ZO
14
F
10
PO
15
G
15
RO
16
I
20
TO
18
K
30
VO
20
O
50
AA
24
V
100
BA
25
DA
30
SR
SR
`
NOTES :
1)
2)
3)
4)
Issue 5 H3
Date 31-5-2012
Load
Capacitance
(
pF or Series
Resonance)
Mode
RoHS
Comp'
Tolerance (±pm)
@ 25ºC
SERIES : ACT752SMX-2 Part numbering code is CJ
RO
F
(16pF)
(Fund')
Stability Over
Operating
Temperature (ºC)
1200 = 12.000MHz
Frequency
Operating
Temperature Range
(ºC)
7999 = 79.9999MHz
6~9.999MHz 0 and
1st 3 digits of
frequency
10- 99.9999MHz
1st
four digits of
Frequency. See note
4
100MHz 1st five
digits of Frequency
Examples
10000= 100MHz
0983 = 9.8304MHz
NB:
It is important to
suffix the above part
number with the full
frequency required
to give a completed
part number as
illustrated below
Full Example Part Number
CJ1200IKGROFC - PF
12.0000MHz
Tighter Tolerances and Stabilities and other Operating Temperature Ranges may be available.
ACT are always happy to consider truly custom specification parts which may require non-standard
specification parameters, specific testing, customer requested AQL requirements, non standard packaging
or taping and reeling and custom marking. Such devices would normally be allocated a custom
specification part number which is wholly customer specific.
( EG : A 12.00MHz custom ACT752SMX-2 device may have a part number such as CJ1200C- C1122-PF)
e Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, United Kin
http:www.actcrystals.com
A guide to availability of tighter stabilities appears on page one of this data sheet in Table 2
Frequencies below 10.000MHz are prefixed with a "0" (eg: 0900 = 9MHz.Whereas
10.000MHz is 1000 )
ISO9001 Registered
For quotations or further information please contact us at:
0 ~ +50°C
Enquire
Enquire
Enquire
-40 ~ +85°C
-10 ~ +60°C
Enquire
±50ppm
STD
STD
STD
-20 ~ +70°C
Enquire
Enquire
Stability
±30ppm
Tolerance
25°C

STD

Table 2
±10ppm
±15ppm
±20ppm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com