Electronic Components Datasheet Search
  English  ▼

X  

ACT752SMX-2 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT752SMX-2
Description  low cost, 2 pad, high quality, low aging 7x5mm SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT752SMX-2 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT752SMX-2 Datasheet HTML 1Page - Advanced Crystal Technology ACT752SMX-2 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel : 0044 (0)118 979 1238
Fax : 0044 (0)118 979 1283
email : info@actcrystals.com
Parameter
Symbol
Specification
Frequency Range
fo
6.0 ~ 100.0MHz
Frequency Tolerance (@25°C)
f/fo
±30 & ±50ppm Standard
Tc
±50ppm -10~+60°C Standard
Temp Operating Range
Topr
0~+50°C ~ -40~+85°C
Temp Storage Range
Tstg
-55 ~+125°C
Equivalent Series Resistance
ESR
See table 1
Load Capacitance
CL
8pF, 10pF, 16pF, 20pF & Series
Shunt Capacitance
C0
5pF max
Drive Level
DL
10~100
W 50µW standard
FDLD <10ppm
ESR max / ESR min <1.3
Insulation Resistance
IR
500M
 min
Aging
Fa
±5ppm p/year
ISO9001:2000 Registered
Date 31-5-2012
For quotations or further information please contact us at:
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature & Load Capacitance
http://www.actcrystals.com
Issue 5 H3
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Please note that all parameters can not necessarily be specified in the same device
ACT752SMX-2
Specification
Stability over temp range
Condition
Please specify
Or specify
Drive Level Dependency
DLD
Please specify
Or specify
Or specify
(Custom available - Please enquire )
0.1, 1,5,10,50,100
W steps
(First year max @ 25°C)
@100V DC
The ACT752SMX-2 family is a low cost, 2 pad, high quality, low aging 7x5mm SMD Crystal
in a ceramic base / metal lid package, seam sealed for good long term reliability. The wide
frequency range and specification options ensure suitability for many applications.
APPLICATIONS: Wireless/WLAN, ATM, Cordless phones, Pagers, PC & Notebook,
Pad Surface Material: Gold
(Au)
Table 1
ESR (
 ) max
Mode / Cut
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
3
RD Overtone / AT
9.000 ~ 11.000
50
150
100
6.000 ~7.999
8.000 ~ 8.999
11.000 ~ 40.000
(MHz)
Freq. Range
26 ~ 100MHz
40
100
0 ~ +50°C
Enquire
Enquire
Enquire
-40 ~ +85°C
-10 ~ +60°C
Enquire
±50ppm
STD
STD
STD
-20 ~ +70°C
Enquire
Enquire
Stability
±30ppm
Tolerance
25°C

STD

Table 2
±10ppm
±15ppm
±20ppm


Similar Part No. - ACT752SMX-2

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT752T-4 ACT-ACT752T-4 Datasheet
121Kb / 2P
available in TCXO and VCTCXO versions.
28/10/05
ACT752VT-4 ACT-ACT752VT-4 Datasheet
121Kb / 2P
available in TCXO and VCTCXO versions.
28/10/05
More results

Similar Description - ACT752SMX-2

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT325SMX-4 ACT-ACT325SMX-4 Datasheet
283Kb / 3P
low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
17/12/06
ACT421LCSMX-4 ACT-ACT421LCSMX-4 Datasheet
138Kb / 2P
4 pad, high quality, low aging SMD Crystal
05/09/2006
ACT421SMX-4 ACT-ACT421SMX-4 Datasheet
137Kb / 1P
4 pad, high quality, low aging SMD Crystal
01/02/06
ACT634SMX-2 ACT-ACT634SMX-2 Datasheet
169Kb / 6P
low cost, 2 pad, high quality, low aging 6x3.5mm SMD
02/05/06
ACT750SMX-2 ACT-ACT750SMX-2 Datasheet
172Kb / 3P
low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
05/04/06
ACT844SMX-2 ACT-ACT844SMX-2 Datasheet
172Kb / 3P
low cost, 2 pad, high quality, low aging 8x4.5mm SMD Crystal
03/05/06
ACT753SMX-2 ACT-ACT753SMX-2 Datasheet
113Kb / 2P
2 pad, high quality, low aging SMD
17/08/04
ACT325SMX-4 ACT-ACT325SMX-4_12 Datasheet
305Kb / 4P
low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
18-7-2012
ACT634SMX-2 ACT-ACT634SMX-2_12 Datasheet
181Kb / 2P
low cost, 2 pad, high quality, low aging 6x3.5mm SMD
31-5-2012
ACT750SMX-4 ACT-ACT750SMX-4_12 Datasheet
135Kb / 2P
low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
18-7-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com