Electronic Components Datasheet Search
  English  ▼

X  

9890 Datasheet(PDF) 2 Page - 3M Electronics

Part # 9890
Description  3M™ Thermally Conductive Adhesive Transfer Tapes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9890 Datasheet(HTML) 2 Page - 3M Electronics

  9890 Datasheet HTML 1Page - 3M Electronics 9890 Datasheet HTML 2Page - 3M Electronics 9890 Datasheet HTML 3Page - 3M Electronics 9890 Datasheet HTML 4Page - 3M Electronics 9890 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M
™ Thermally Conductive Adhesive Transfer Tapes
9882
• 9885 • 9890
Typical Physical Properties and Performance Characteristics
Note: The following technical information and data should be considered representative or typical only and should not be used
for specification purposes.
3M™ Thermally Conductive Adhesive Transfer Tapes
Product Number
9882
9885
9890
Property
Value
Method
Thermal Impedance (C-in.2/W)
0.35
0.50
0.90
3M test method
Thermal Conductivity (W/m-K)
0.60
ASTM C-177
Specific Gravity
2g/cm3
Coefficient of Thermal Expansion
CTE@ 23°C to 150°C = 400ppm/°C
ASTM D-3386
(CTE)
CTE@ -55°C = 250ppm/°C
Volume Resistivity (Ω-cm)
—
—
2 x 1014
ASTM D-257
Dielectric Strength (Volts/mil)
750 Volts / mil (9890 Tested)
ASTM D-149
Dielectric Properties (frequency)
1 kHz
—
1 MHz
Dielectric Constant (9890)
6—
5
ASTM D-150
90 Degree Peel Test (oz/in)
Untreated aluminum substrate
9882
9885
9890
Room Temp Dwell @ 15 min
6 - 13
65°C Dwell @ 15 min
14 - 22
Room Temp Dwell @ 72 hrs
19 - 31
65°C Temp Dwell @ 72 hrs
16 - 33
Static Shear test of holding
3M test method:
1000g @ Room Temp using 1 in2
PASS
PASS
PASS
SS & PET
Hold weight 1 week
Static Shear test of holding
3M test method:
500g @ 70°C using 1 in2
PASS
PASS
PASS
SS & PET
Hold weight 1 week
3M test method
1 mil PET Backing
Ref: ASTM D-3330
@12 in/min
and 90 Degree Peel
Available Sizes
Width: Maximum width 22 inches.
Length: Multiples of 36 yds. 108 yds. maximum.
Custom Sizes: Contact your local 3M sales representative for information and availability of custom sizes (width and
length) or die cut parts.
Shelf Life
Product shelf life is 2 years from date of manufacture when stored at room temperature conditions (72°F [22°C] and 50% RH)
in the products original packaging.
(2)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com