Electronic Components Datasheet Search
  English  ▼

X  

VCS70US48 Datasheet(PDF) 4 Page - XP Power Limited

Part # VCS70US48
Description  Chassis Mount Industrial Supplies, 25 째C to 70 째C Convection Cooled
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VCS70US48 Datasheet(HTML) 4 Page - XP Power Limited

  VCS70US48 Datasheet HTML 1Page - XP Power Limited VCS70US48 Datasheet HTML 2Page - XP Power Limited VCS70US48 Datasheet HTML 3Page - XP Power Limited VCS70US48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
19-July-12
VCS100
Model and Ratings
Derating Curves
Mechanical Details
Ambient Temperature (°C)
80
60
40
20
0
10
-10
-25
20
30
40
50
60
70
100
Input Voltage (VAC)
80
60
40
20
90
100
110
120
230
240 250
85
264
100
3.87
(98.2)
6.26 (159.0)
5.49 (139.5)
0.24
(6.0)
1.08
(27.5)
Ø0.13 (3.3)
0.87
(22.2)
0.71 (18.0)
0.37 (9.3)
1.02 (26.0)
0.74 (18.8)
1.65
(42.0)
5
5
6
6
7
7
4
4
3
3
2
2
1
1
M3 3 locations
0.19 (4.8)
0.16 (4.0)
3.07 (78.0)
0.24
(6.0)
0.2 (5.0)
0.16
(4.0)
1.26
(32.0)
0.90 (24.0)
0.20 (5.0)
3.52
(89.5)
0.16
(4.0)
1.30
(33.0)
M3 4 locations
Pin
Function
1
AC Live
2
AC Neutral
3
Ground
4
-Vout
5
-Vout
6
+Vout
7
+Vout
Output Power
Output Voltage
Output Current
Ripple & Noise(2)
Efficiency(1)
Model Number
70 W
5.0 V
14.0 A
50 mV
78.0%
VCS100US05†^
100 W
12.0 V
8.33 A
120 mV
85.0%
VCS100US12†^
15.0 V
6.67 A
150 mV
86.0%
VCS100US15†^
24.0 V
4.17 A
240 mV
86.5%
VCS100US24†^
48.0 V
2.08 A
480 mV
88.0%
VCS100US48†^
1. All dimensions in inches (mm)
2. Weight: 1.1 lbs (500 g) approx
3. Tolerance ±0.02 (±0.5)
4. Maximum mounting screw penetration 0.157 (4.0) from
outer surface
Notes
Notes
1. Minimum average of efficiencies measured at 25%, 50%, 75% & 100% load.
2. Ripple & Noise may exceed specified values below -10 ˚C.
3. Level 3 performance criteria A is met for loads >10%. At no load, result is
performance criteria A at Level 2 or less than 5% output deviation at Level 3.
† Available from Farnell & element14. See pages 284-290.
^ Available from Newark. See pages 291-296.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com