Electronic Components Datasheet Search
  English  ▼

X  

VCS70US48 Datasheet(PDF) 1 Page - XP Power Limited

Part # VCS70US48
Description  Chassis Mount Industrial Supplies, 25 째C to 70 째C Convection Cooled
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VCS70US48 Datasheet(HTML) 1 Page - XP Power Limited

  VCS70US48 Datasheet HTML 1Page - XP Power Limited VCS70US48 Datasheet HTML 2Page - XP Power Limited VCS70US48 Datasheet HTML 3Page - XP Power Limited VCS70US48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
50 100 Watts
•
Chassis Mount Industrial Supplies
•
25 °C to +70 °C Convection Cooled
•
Class B Conducted & Radiated Emissions
•
Output Voltages from 5 V to 48 V
•
<0.5 W No Load Input Power
•
Low Cost
•
2 Year Warranty
VCS Series
Input
Input Voltage
• 85-264 VAC (127-370 VDC),
see derating curve
Input Frequency
• 47-63 Hz
Input Current
• VCS50: 1.1 A, VCS70: 1.4 A,
VCS100: 2.0 A typical at 90 VAC
Inrush Current
• 60 A max at 230 VAC, cold start at 25 °C
Power Factor
• EN61000-3-2 Class A
Earth Leakage Current
• 1.0 mA maximum
Input Protection
• 50 & 70 W: T3.15 A/250 V
100 W: T4.0A/250 V, fuse fitted in live line
No Load Input Power
• <0.5 W
Output
Output Voltage
• See model table
Output Adjust
• ±10.0%
(5 V & 12 V versions are -5% to +10%)
Initial Set Tolerance
• ±1.0%
Minimum Load
• None required
Start Up Delay
•1 s maximum
Hold Up Time
• 10 ms min at 115 VAC and full load
Line Regulation
• ±0.5%, 90 VAC to 264 VAC input
Load Regulation
• 5 V & 12 V versions: ±1%, Others: ±0.5%
0% to 100% load
Transient Response
• Less than 4% deviation with a 50% to
75% load change at 1 A/µs. Output
returns to within 1% in less than 500 µs
Ripple & Noise
• 1% maximum pk-pk, 20 MHz bandwidth
Overvoltage Protection
• 120-140% of nominal output,
auto recovery
Overload Protection
• 110-150% of nominal, trip and restart
Short Circuit Protection
• Continuous trip and restart
Temperature
• ±0.03%/°C after 20 min warm up
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• 65 kHz typical
MTBF
• >500 kHrs to MIL-STD-217F at 25 °C, GB
Environmental
Operating Temperature
• -25 °C to +70 °C, see derating curve
Cooling
• Convection cooled
Operating Humidity
• 0-95% R.H, non-condensing
Storage Temperature
• -40 °C to +80 °C
Operating Altitude
• 3000 m
Shock
• ±3 x 30 g shocks in each plane,
30 g: 11 ms (±0.5 ms), half sine, compliant
to EN60068-2-27 & EN60068-2-47
Vibration
• 10-500 Hz at 2 g sweep and endurance at
resonance in all 3 planes. Conforms to
EN60068-2-6
EMC & Safety
Emissions
• EN55022 Class B conducted & radiated
Harmonic Currents
• EN61000-3-2 class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
(note 3)
Surge
• EN61000-4-5, installation Class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3 Perf Criteria A
Dips & Interruptions
•
EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B
Safety Approvals
• IEC60950-1, CSA C22.2 No.60950-1-03,
UL60950-1, TUV EN60950-1


Similar Part No. - VCS70US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VCS70US48 XPPOWER-VCS70US48 Datasheet
792Kb / 4P
50-100 Watts VCS Series
VCS70US48 XPPOWER-VCS70US48 Datasheet
579Kb / 4P
50-100 Watts
19-July-12
More results

Similar Description - VCS70US48

ManufacturerPart #DatasheetDescription
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
convection-cooled rectifier
logo
QUARTZCOM the communica...
21S7A QUARTZCOM-21S7A Datasheet
176Kb / 1P
-20 ~ 70 째C commercia l application -30 ~ 75 째C on request
21M7A QUARTZCOM-21M7A Datasheet
125Kb / 1P
-20 ~ 70 째C commercial application -40 ~ 85 째C industrial application
logo
TDK Electronics
CFE400M TDK-CFE400M Datasheet
594Kb / 2P
300W Convection / 400W Fan Cooled Medical Power Supplies
ZWS300BAF TDK-ZWS300BAF Datasheet
1Mb / 2P
300W Single Output, Convection Cooled Power Supplies
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
Convection/Forcedcooled Ratings
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
250 W Convection Cooled
ECP150 XPPOWER-ECP150 Datasheet
1Mb / 9P
100W Convection Cooled Rating
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
Convection Cooled
logo
Adlink Technology Inc.
HPERC-KBL-MH ADLINK-HPERC-KBL-MH Datasheet
548Kb / 3P
Rugged Convection Cooled System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com