Electronic Components Datasheet Search
  English  ▼

X  

8204 Datasheet(PDF) 13 Page - 3M Electronics

Part # 8204
Description  SC & FC/PC3 Pull-Proof Fiber Optic Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8204 Datasheet(HTML) 13 Page - 3M Electronics

Back Button 8204 Datasheet HTML 9Page - 3M Electronics 8204 Datasheet HTML 10Page - 3M Electronics 8204 Datasheet HTML 11Page - 3M Electronics 8204 Datasheet HTML 12Page - 3M Electronics 8204 Datasheet HTML 13Page - 3M Electronics 8204 Datasheet HTML 14Page - 3M Electronics 8204 Datasheet HTML 15Page - 3M Electronics 8204 Datasheet HTML 16Page - 3M Electronics 8204 Datasheet HTML 17Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
SECTION E
Standard Polishing Process for Single-mode and
Multimode Connectors (>30dB)
Note:
See Section F to achieve >40 dB Return Loss.
1.
PREPARE THE 5
ϑm POLISHING SURFACE
Clean the surface of the soft polishing pad with a lint-free cloth
dampened with isopropyl alcohol. Blow clean both sides of a
sheet of brown 5
ϑm lapping acetate. Place the acetate shiny
side down onto the soft pad.
Note:
Carefully follow safety, health and disposal information on
container label or Material Safety Data Sheet for isopropyl
alcohol being used.
2.
PREPARE THE POLISHING JIG AND CONNECTOR
Wipe the polishing surface of the jig with a lint-free cloth
moistened with isopropyl alcohol. Blow the entire jig clean with
compressed air. Clean the connector with compressed air only,
since wiping it may break the fiber.
Note:
The polishing jig used in these procedures is designed
with three "wear indicators" on its polishing surface (Fig.
E1). Each indicator is 0.002" deep. As polishing is done,
the surface of the jig will be worn away. Uniform pressure
across the jig's surface during polishing will result in the
areas surrounding the "indicators" to wear evenly. Non-
uniform pressure will result in one or two indicators
disappearing, thereby requiring the jig to be replaced.
Fig. E1
Wear Indicator
(3 Places)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com