Electronic Components Datasheet Search
  English  ▼

X  

8204 Datasheet(PDF) 2 Page - 3M Electronics

Part # 8204
Description  SC & FC/PC3 Pull-Proof Fiber Optic Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8204 Datasheet(HTML) 2 Page - 3M Electronics

  8204 Datasheet HTML 1Page - 3M Electronics 8204 Datasheet HTML 2Page - 3M Electronics 8204 Datasheet HTML 3Page - 3M Electronics 8204 Datasheet HTML 4Page - 3M Electronics 8204 Datasheet HTML 5Page - 3M Electronics 8204 Datasheet HTML 6Page - 3M Electronics 8204 Datasheet HTML 7Page - 3M Electronics 8204 Datasheet HTML 8Page - 3M Electronics 8204 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Contents:
A)
Warnings, Recommendations and Overview ................................................................................................ 3
B)
Jacketed Cable Preparation .......................................................................................................................... 5
C)
Mounting ........................................................................................................................................................ 8
D)
Scoring .......................................................................................................................................................... 12
E)
Standard Polishing Process for Single-mode and Multimode Connectors (>30dB) ..................................... 13
F)
Polishing Process for Single-mode Connector Return Loss >40dB ............................................................. 16
G)
Final Cleaning ............................................................................................................................................... 20
H)
Mounting Unjacketed/900
ϑm Buffered Fiber ............................................................................................... 20
I)
Connector Assembly and Installation ............................................................................................................ 22
J)
3M SC and FC/PC3 Epoxy Field Termination Kits ........................................................................................ 24
FC/PC3 Connector
SC Connector
SC Connector
Crimp Ring
Boot
1.97 in.
(50.0 mm)
.925 in.
(23.5 mm)
Ø .0984 in.
(2.499 mm)
.283 in.
(7.19 mm)
.266 in.
(6.75 mm)
.289 in.
(7.34 mm)
.205 in.
(5.2 mm)
.972 in.
(24.7
mm)
.068 in.
(1.73 mm)
Key-Shell
.352 in.
(8.94 mm)
.289 in.
(7.34 mm)
.218 in.
(5.54 mm)
.235 in.
(5.97 mm)
Boot
Crimp Ring
FC/PC3
Connector
2.27 in.
(57.7 mm)
1.66 in.
(15.0 mm)
.925 in.
(23.5 mm)
.154 in.
(3.9 mm)
Ø .234 in.
(5.94 mm)
Ø .386 in.
(9.8 mm)
Ø .094 in.
(2.499
mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com