Electronic Components Datasheet Search
  English  ▼

X  

STPS3150-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS3150-Y
Description  Automotive power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STPS3150-Y Datasheet HTML 1Page - STMicroelectronics STPS3150-Y Datasheet HTML 2Page - STMicroelectronics STPS3150-Y Datasheet HTML 3Page - STMicroelectronics STPS3150-Y Datasheet HTML 4Page - STMicroelectronics STPS3150-Y Datasheet HTML 5Page - STMicroelectronics STPS3150-Y Datasheet HTML 6Page - STMicroelectronics STPS3150-Y Datasheet HTML 7Page - STMicroelectronics STPS3150-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS3150-Y
2/7
Doc ID 018926 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.59 x IF(AV) + 0.023 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
150
V
IF(AV)
Average forward current
TL = 130 °C δ = 0.5
3
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
80
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range(1)
-40 to +175
°C
1.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
20
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
0.4
2.0
µA
Tj = 125 °C
0.6
2.0
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 3 A
0.78
0.82
V
Tj = 125 °C
0.63
0.67
Tj = 25 °C
IF = 6 A
0.85
0.89
Tj = 125 °C
0.70
0.75
1.
tp = 5 ms, δ < 2%
2.
tp = 380 µs, δ < 2%
Figure 1.
Average forward power
dissipation versus average
forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
P
(W)
F(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.05
δ = 0.1
δ = 0.2
I
(A)
F(AV)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
175
T
δ=tp/T
tp
T
(°C)
amb
R
=75°C/W
th(j-a)
R=R
th(j-a)
th(j-I)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com