Electronic Components Datasheet Search
  English  ▼

X  

STPS3150-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS3150-Y
Description  Automotive power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STPS3150-Y Datasheet HTML 1Page - STMicroelectronics STPS3150-Y Datasheet HTML 2Page - STMicroelectronics STPS3150-Y Datasheet HTML 3Page - STMicroelectronics STPS3150-Y Datasheet HTML 4Page - STMicroelectronics STPS3150-Y Datasheet HTML 5Page - STMicroelectronics STPS3150-Y Datasheet HTML 6Page - STMicroelectronics STPS3150-Y Datasheet HTML 7Page - STMicroelectronics STPS3150-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STPS3150-Y
Characteristics
Doc ID 018926 Rev 1
3/7
Figure 3.
Non repetitive surge peak forward
current versus overload duration
(maximum values)
Figure 4.
Normalized avalanche power
derating versus pulse duration
I (A)
M
0
1
2
3
4
5
6
7
8
9
10
11
12
1.E-03
1.E-02
1.E-01
1.E+00
IM
t
δ=0.5
t(s)
T =25°C
a
T =75°C
a
T =125°C
a
SMB
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(tp)
P
(1 µs)
ARM
ARM
Figure 5.
Normalized avalanche power
derating versus junction
temperature
Figure 6.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-a)
th(j-a)
T
δ=tp/T
tp
t (s)
p
SMB
Single pulse
Figure 7.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 8.
Junction capacitance versus
reverse voltage applied (typical
values)
I (µA)
R
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
25
50
75
100
125
150
V (V)
R
T =125°C
j
T =150°C
j
T =100°C
j
T =50°C
j
T =25°C
j
T =75°C
j
C(pF)
10
100
1000
1
10
100
1000
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com