Electronic Components Datasheet Search
  English  ▼

X  

L9012SLT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L9012SLT3G
Description  General Purpose Transistors PNP Silicon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L9012SLT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  L9012SLT3G Datasheet HTML 1Page - Leshan Radio Company L9012SLT3G Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ON CHARACTERISTICS
DC Current Gain
(IC=-50mA, VCE =-1V)
Hfe
100
-
600
Collector-Emitter Saturation Voltage
(IC=-500mA,I B=-50mA)
VCE(S)
--
NOTE:
*
P
Q
R
S
HFE
100~200
150~300
200~400
300~600
LESHAN RADIO COMPANY, LTD.
D
J
K
L
A
C
B S
H
G
V
3
1
2
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.1102
0.1197
2.80
3.04
INCHES
B
0.0472
0.0551
1.20
1.40
C
0.0350
0.0440
0.89
1.11
D
0.0150
0.0200
0.37
0.50
G
0.0701
0.0807
1.78
2.04
H
0.0005
0.0040
0.013
0.100
J
0.0034
0.0070
0.085
0.177
K
0.0180
0.0236
0.45
0.60
L
0.0350
0.0401
0.89
1.02
S
0.0830
0.0984
2.10
2.50
V
0.0177
0.0236
0.45
0.60
PIN 1.
BASE
2.
EMITTER
3.
COLLECTOR
mm
inches
0.037
0.95
0.037
0.95
0.079
2.0
0.035
0.9
0.031
0.8
SOLDER PLATING.
2. LEAD THICKNESS SPECIFIED PER L / F DRAWING WITH
1. CONTROLLING DIMENSION: MILLIMETERS
NOTES:
SOT-23 (TO-236AB)
L9012PLT1G Series
-0.6
V
Rev.O 2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com