Electronic Components Datasheet Search
  English  ▼

X  

L9012SLT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L9012SLT3G
Description  General Purpose Transistors PNP Silicon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L9012SLT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  L9012SLT3G Datasheet HTML 1Page - Leshan Radio Company L9012SLT3G Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose Transistors
PNP Silicon
MAXIMUM RATINGS
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
-20
V
Collector-Base Voltage
VCBO
-40
V
Emitter-Base Voltage
VEBO
Collector current-continuoun
IC
-500
mAdc
THERMAL CHARATEERISTICS
Symbol
Max
Unit
Total Device Dissipation FR-5 Board, (1)
PD
225
mW
1.8
mW/
oC
Thermal Resistance, Junction to Ambient
R JA
556
oC/W
PD
300
mW
2.4
mW/
oC
Thermal Resistance, Junction to Ambient
R θJA
417
oC/W
Junction and Storage Temperature
Tj ,Tstg
-55 to +150
oC
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
V(BR)CEO
-20
-
-
V
(IC=-1.0mA)
Emitter-Base Breakdown Voltage
V(BR)EBO
(IE=-100
Collector-Base Breakdown Voltage
V(BR)CBO
-40
-
-
V
(IC=-100
A)
Collector Cutoff Current (VCB=-35V)
I CBO
Emitter Cutoff Current (VBE=-4V)
IEBO
-150
nA
Characteristic
Total Device Dissipation
Derate above 25
oC
Rating
TA=25
oC
Derate above 25
oC
Alumina Substrate, (2) TA=25
oC
Characteristic
1
SOT-23 (TO-236AB)
2
EMITTER
3
COLLECTOR
1
BASE
LESHAN RADIO COMPANY, LTD.
θ
A)
µ
µ
FEATURE
L9012PLT1G
We declare that the material of product compliance with RoHS requirements.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
L9012PLT1G
12P
3000/Tape&Reel
L9012PLT3G
12P
10000/Tape&Reel
L9012QLT1G
12Q
3000/Tape&Reel
L9012QLT3G
12Q
10000/Tape&Reel
L9012RLT1G
12R
3000/Tape&Reel
L9012RLT3G
12R
10000/Tape&Reel
L9012SLT1G
12S
3000/Tape&Reel
L9012SLT3G
12S
10000/Tape&Reel
Series
-5
V
-5
-
-
V
-
-
-150
nA
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
2
3
Rev.O 1/2


Similar Part No. - L9012SLT3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L9012SLT3G LEIDITECH-L9012SLT3G Datasheet
273Kb / 2P
General Purpose Transistors
More results

Similar Description - L9012SLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1774QT1G LRC-L2SA1774QT1G_11 Datasheet
241Kb / 3P
General Purpose Transistors PNP Silicon
LBC807-16LT1G LRC-LBC807-16LT1G_11 Datasheet
190Kb / 10P
General Purpose Transistors PNP Silicon
LBC807-16WT1G LRC-LBC807-16WT1G Datasheet
69Kb / 3P
General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC807-25-TP MCC-BC807-25-TP Datasheet
286Kb / 3P
PNP Silicon General Purpose Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com