Electronic Components Datasheet Search
  English  ▼

X  

VLMF31 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VLMF31
Description  High Intensity SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMF31 Datasheet(HTML) 5 Page - Vishay Siliconix

  VLMF31 Datasheet HTML 1Page - Vishay Siliconix VLMF31 Datasheet HTML 2Page - Vishay Siliconix VLMF31 Datasheet HTML 3Page - Vishay Siliconix VLMF31 Datasheet HTML 4Page - Vishay Siliconix VLMF31 Datasheet HTML 5Page - Vishay Siliconix VLMF31 Datasheet HTML 6Page - Vishay Siliconix VLMF31 Datasheet HTML 7Page - Vishay Siliconix VLMF31 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number 81330
Rev. 1.1, 06-Sep-07
www.vishay.com
5
Vishay Semiconductors
VLMF31..
METHOD OF TAPING/POLARITY AND TAPE
AND REEL
SMD LED (VLM3 - SERIES)
Vishay’s LEDs in SMD packages are available in an
antistatic 8 mm blister tape (in accordance with
DIN IEC 40 (CO) 564) for automatic component
insertion. The blister tape is a plastic strip with
impressed component cavities, covered by a top tape.
TAPING OF VLM.3..
REEL PACKAGE DIMENSION IN MM FOR
SMD LEDS, TAPE OPTION GS08
(= 1500 PCS.)
REEL PACKAGE DIMENSION IN MM FOR
SMD LEDS, TAPE OPTION GS18
(= 8000 PCS.) PREFERRED
SOLDERING PROFILE
Figure 9. Tape Dimensions in mm for PLCC-2
Figure 10. Reel Dimensions - GS08
Adhesive Tape
Component Cavity
Blister Tape
94 8670
1.85
1.65
4.0
3.6
3.6
3.4
2.05
1.95
1.6
1.4
4.1
3.9
4.1
3.9
5.75
5.25
8.3
7.7
3.5
3.1
2.2
2.0
0.25
94 8668
180
178
Identification
4.5
3.5
2.5
1.5
13.00
12.75
63.5
60.5
14.4 max.
10.0
9.0
120°
94 8665
Label:
Vishay
Type
Group
Tape Code
Production
Code
Quantity
Figure 11. Reel Dimensions - GS18
Figure 12. Vishay Lead (Pb)-free Reflow Soldering Profile
(acc. to J-STD-020C)
Figure 13. Double Wave Soldering of Opto Devices (all Packages)
321
329
Identification
4.5
3.5
2.5
1.5
13.00
12.75
62.5
60.0
14.4 max.
10.4
8.4
120°
18857
Label:
Vishay
Type
Group
Tape Code
Production
Code
Quantity
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19885
IR Reflow Soldering Profile for lead (Pb)-free soldering
Preconditioning acc. to JEDEC Level 2a
max. 2 cycles allowed
255 °C
235 °C...260 °C
2 K/s
ca. 200 K/s
ca. 2 K/s
second
wave
first wave
ca. 5 K/s
5 s
full line: typical
dotted line: process limits
Time (s)
Lead Temperature
300
250
200
150
100
50
0
0
100
150
200
250
948626-1
TTW Soldering
(acc. to CECC00802)
50
100 °C...130 °C
forced cooling



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com