Electronic Components Datasheet Search
  English  ▼

X  

VLMF31 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMF31
Description  High Intensity SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMF31 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMF31 Datasheet HTML 1Page - Vishay Siliconix VLMF31 Datasheet HTML 2Page - Vishay Siliconix VLMF31 Datasheet HTML 3Page - Vishay Siliconix VLMF31 Datasheet HTML 4Page - Vishay Siliconix VLMF31 Datasheet HTML 5Page - Vishay Siliconix VLMF31 Datasheet HTML 6Page - Vishay Siliconix VLMF31 Datasheet HTML 7Page - Vishay Siliconix VLMF31 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 81330
Rev. 1.1, 06-Sep-07
Vishay Semiconductors
VLMF31..
PACKAGE DIMENSIONS in millimeters
Figure 7. Rel. Luminous Intensity vs. Ambient Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
2030
4050
6070
80
90 100
Tamb - Ambient Temperature (°C)
95 10883
Figure 8. Forward Voltage vs. Ambient Temperature
- 300
- 250
- 200
- 150
- 100
- 50
0
50
100
150
200
020
40
60
80
100
Tamb - Ambient Temperature (°C)
16636
95 11314-1
Mounting Pad Layout
3.5 ± 0.2
Pin identification
? 2.4
3
+ 0.15
1.2
1.6 (1.9)
4
area covered with
solder resist
technical drawings
according to DIN
specifications
Drawing-No.: 6.541-5025.01-4
Issue: 8; 22.11.05
CA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com