Electronic Components Datasheet Search
  English  ▼

X  

VLMS3000-GS18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMS3000-GS18
Description  Low Current SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS3000-GS18 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMS3000-GS18 Datasheet HTML 1Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 2Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 3Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 4Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 5Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 6Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 7Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 8Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number 81322
Rev. 1.2, 01.-Dec-09
www.vishay.com
3
Vishay Semiconductors
VLMO30.., VLMS30.., VLMY30..
For technical support, please contact: LED@vishay.com
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one packing unit I
Vmax./IVmin. ≤ 1.6
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one packing unit I
Vmax./IVmin. ≤ 1.6
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one packing unit I
Vmax./IVmin. ≤ 1.6
OPTICAL AND ELECTRICAL CHARACTERISTICS 1) VLMS30.., RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity 2)
IF = 2 mA
VLMS3000
IV
2.8
mcd
IF = 10 mA
VLMS3000
IV
20
mcd
IF = 2 mA
VLMS30J1K2
IV
4.5
11.2
mcd
IF = 2 mA
VLMS30K1L2
IV
7.1
18
mcd
IF = 2 mA
VLMS30J1L2
IV
4.5
18
mcd
IF = 2 mA
VLMS30J2K2
IV
5.6
11.2
mcd
IF = 2 mA
VLMS30K2L2
IV
918
mcd
Dominant wavelength
IF = 2 mA
λ
d
624
636
nm
Peak wavelength
IF = 2 mA
λ
p
635
nm
Angle of half intensity
IF = 2 mA
ϕ
± 60
deg
Forward voltage
IF = 2 mA
VF
1.8
2.2
V
Reverse voltage
IR = 10 µA
VR
615
V
OPTICAL AND ELECTRICAL CHARACTERISTICS 1) VLMO30.., ORANGE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity 2)
IF = 2 mA
VLMO3000
IV
5.6
mcd
IF = 10 mA
VLMO3000
IV
50
mcd
IF = 2 mA
VLMO30K1L2
IV
7.1
18
mcd
IF = 2 mA
VLMO30L1M2
IV
11.2
28
mcd
IF = 2 mA
VLMO30K1M2
IV
7.1
28
mcd
Dominant wavelength
IF = 2 mA
λ
d
600
609
nm
Peak wavelength
IF = 2 mA
λ
p
610
nm
Angle of half intensity
IF = 2 mA
ϕ
± 60
deg
Forward voltage
IF = 2 mA
VF
1.8
2.2
V
Reverse voltage
IR = 10 µA
VR
615
V
OPTICAL AND ELECTRICAL CHARACTERISTICS 1) VLMY30.., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity 2)
IF = 2 mA
VLMY3000
IV
4.5
mcd
IF = 10 mA
VLMY3000
IV
50
mcd
IF = 10 mA
VLMY3001
IV
7.1
18
mcd
IF = 2 mA
VLMY30J2L1
IV
5.6
14
mcd
IF = 2 mA
VLMY30K2M1
IV
9
22.4
mcd
IF = 2 mA
VLMY30J2M1
IV
5.6
22.4
mcd
Dominant wavelength
IF = 2 mA
λ
d
581
594
nm
Peak wavelength
IF = 2 mA
λ
p
585
nm
Angle of half intensity
IF = 2 mA
ϕ
± 60
deg
Forward voltage
IF = 2 mA
VF
1.8
2.2
V
Reverse voltage
IR = 10 µA
VR
615
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com