Electronic Components Datasheet Search
  English  ▼

X  

VLMS3000-GS18 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMS3000-GS18
Description  Low Current SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS3000-GS18 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMS3000-GS18 Datasheet HTML 1Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 2Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 3Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 4Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 5Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 6Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 7Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 8Page - Vishay Siliconix VLMS3000-GS18 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 81322
Rev. 1.2, 01.-Dec-09
Vishay Semiconductors
VLMO30.., VLMS30.., VLMY30..
For technical support, please contact: LED@vishay.com
Note:
Luminous Intensity is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %. The above type numbers represent the order
grous which include only a few brightness groups. Only one group
will be shipped in one reel (there will be no mixing of two groups on
each reel). In order to ensure availability, single brightness groups
will not be orderable. In a similar manner for colors where
wavelength groups are measured and binned, single wavelength
groups will be shipped in any one reel. In order to ensure availability,
single wavelength groups will not be orderable.
Note:
Wavelengths are tested at a current pulse duration of 25 ms and an
accuracy of ± 1 nm.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
H
1
2.8
3.55
2
3.55
4.5
J
1
4.5
5.6
2
5.6
7.1
K
1
7.1
9.0
2
9.0
11.2
L
1
11.2
14.0
2
14.0
18.0
M
1
18.0
22.4
2
22.4
28.0
COLOR CLASSIFICATION
GROUP
YELLOW
ORANGE
DOM. WAVELENGTH (nm)
MIN.
MAX.
MIN.
MAX.
1
581
584
2
583
586
600
603
3
585
588
602
605
4
587
590
604
607
5
589
592
606
609
6
591
594
CROSSING TABLE
VISHAY
OSRAM
VLMO30K1L2
LOT67K-K1L2
VLMO30K1M2
LOT67K-K1M2
VLMO30L1M2
LOT67K-L1M2
VLMS30J1K2
LST67K-J1K2
VLMS30J1L2
LST67K-J1L2
VLMS30K1L2
LST67K-K1L2
VLMY30J2L1
LYT67K-J2L1
VLMY30J2M1
LYT67K-J2M1
VLMY30K2M1
LYT67K-K2M1
Figure 1. Forward Current vs. Ambient Temperature
0
5
10
15
20
25
18254
100
80
60
40
20
0
Tamb - Ambient Temperature (°C)
Figure 2. Forward Current vs. Pulse Length
10
100
1000
0.01
0.1
1
10
100
tp - Pulse Duration (ms)
17557
t
p/T= 0.01
0.05
0.2
0.5
1
0.02
0.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com