Electronic Components Datasheet Search
  English  ▼

X  

ADM3485EAR Datasheet(PDF) 6 Page - Analog Devices

Part # ADM3485EAR
Description  짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3485EAR Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM3485EAR Datasheet HTML 2Page - Analog Devices ADM3485EAR Datasheet HTML 3Page - Analog Devices ADM3485EAR Datasheet HTML 4Page - Analog Devices ADM3485EAR Datasheet HTML 5Page - Analog Devices ADM3485EAR Datasheet HTML 6Page - Analog Devices ADM3485EAR Datasheet HTML 7Page - Analog Devices ADM3485EAR Datasheet HTML 8Page - Analog Devices ADM3485EAR Datasheet HTML 9Page - Analog Devices ADM3485EAR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM3485E
Rev. D | Page 6 of 16
PIN CONFIGURATION AND PIN FUNCTION DESCRIPTIONS
RO
1
RE
2
DE
3
DI
4
VCC
8
B
7
A
6
GND
5
ADM3485E
TOP VIEW
(Not to Scale)
Figure 2. SOIC_N Pin Configuration (R-8)
Table 5. Pin Function Descriptions
Mnemonic
Pin
Number
Description
RO
1
Receiver Output. When enabled, if A > B by 200 mV, then RO = high. If A < B by 200 mV, then RO = low.
RE
2
Receiver Output Enable. With RE low, the receiver output (RO) is enabled. With RE high, the output goes into a
high impedance state. If RE is high and DE is low, the ADM3485E enters a shutdown state.
DE
3
Driver Output Enable. A high level enables the driver differential outputs A and B. A low level places it in a high
impedance state.
DI
4
Driver Input. When the driver is enabled, a logic low on DI forces A low and B high, while a logic high on DI
forces A high and B low.
GND
5
Ground Connection, 0 V.
A
6
Noninverting Receiver Input A/Driver Output A.
B
7
Inverting Receiver Input B/Driver Output B.
VCC
8
Power Supply, 3.3 V ± 0.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com