Electronic Components Datasheet Search
  English  ▼

X  

ADM3485EAR Datasheet(PDF) 2 Page - Analog Devices

Part # ADM3485EAR
Description  짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3485EAR Datasheet(HTML) 2 Page - Analog Devices

  ADM3485EAR Datasheet HTML 1Page - Analog Devices ADM3485EAR Datasheet HTML 2Page - Analog Devices ADM3485EAR Datasheet HTML 3Page - Analog Devices ADM3485EAR Datasheet HTML 4Page - Analog Devices ADM3485EAR Datasheet HTML 5Page - Analog Devices ADM3485EAR Datasheet HTML 6Page - Analog Devices ADM3485EAR Datasheet HTML 7Page - Analog Devices ADM3485EAR Datasheet HTML 8Page - Analog Devices ADM3485EAR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADM3485E
Rev. D | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Specifications....................................................................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Pin Function Descriptions...................... 6
Test Circuits and Switching Characteristics...................................7
Typical Performance Characteristics ..............................................9
Standards and Testing.................................................................... 11
ESD Testing................................................................................. 11
Applications Information .............................................................. 12
Differential Data Transmission ................................................ 12
Cable and Data Rate................................................................... 12
Receiver Open-Circuit Fail-Safe............................................... 12
Outline Dimensions....................................................................... 13
Ordering Guide .......................................................................... 13
REVISION HISTORY
8/10—Rev. C to Rev. D
Changes to Table 1, Driver, Logic Inputs ...................................... 3
12/06—Rev. B to Rev. C
Updated Format..................................................................Universal
Removed PDIP Model .......................................................Universal
Changes to Features, Applications, and General Description .... 1
Changes to Specifications................................................................ 3
Changes to Timing Specifications.................................................. 4
Changes to Absolute Maximum Ratings....................................... 5
Reorganized Test Circuits and Switching
Characteristics Section..................................................................... 7
Replaced Figure 3 to Figure 11 ....................................................... 7
Deleted Figure 12 to Figure 14........................................................ 8
Changes to Figure 15 to Figure 20.................................................. 9
Changes to Figure 21 and Figure 22............................................. 10
Changes to Table 9.......................................................................... 11
Deleted Figure 24............................................................................ 11
Removed Fast Transient Burst Immunity
(IEC1000-4-4) Section................................................................... 12
Updated Outline Dimensions ....................................................... 13
Changes to Ordering Guide .......................................................... 13
10/04—Rev. A to Rev. B
Updated Format..................................................................Universal
Changes to Power-Supply Current, Table 1 .................................. 3
Updated Outline Dimensions ....................................................... 14
Changes to Ordering Guide .......................................................... 14
5/00—Rev. 0 to Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com