Electronic Components Datasheet Search
  English  ▼

X  

SCR100 Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # SCR100
Description  Atlas SCR - Triac and Thyristor Analyser (Model SCR100)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

SCR100 Datasheet(HTML) 2 Page - PEAK electronics GmbH

  SCR100 Datasheet HTML 1Page - PEAK electronics GmbH SCR100 Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Content available for re-use by express written permission only please. © Peak Electronic Design Limited. E&OE.
Other Downloads scr100_userguide_en.pdf
scr100_datasheet_en.pdf
Dimensions per
product
(excluding leads)
103 x 70 x 20 mm
Dimensions per
product
(packaged)
200 x 138 x 30 mm
Weight per
product (nett)
0.098kg
Weight per
product
(packaged inc
docs)
0.154kg
Bulk order
multiple
20, 80
Harmonisation /
Commodity Code
9030 8200 GB
Fundamental
Materials
Plastic, glass and metal.
Country of
manufacture
England (UK)
Certification
CE, WEEE, ROHS
Keywords
peakelec, peak electronic design, peak electronics, peak electronic, Peak Atlas, Atlas, Atlas SCR,
SCR tester, SCR analyser, SCR analyzer, triac tester, triac analyser, triac analyzer, thyristor
tester, thyristor analyser, thyristor analyzer, SCR100.
Suitable
Accessories
ATC55, ATC01, UPS56
Page 2 of 2
SCR100 Resources
24/04/2012
http://www.peakelec.co.uk/resources/scr100.html



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com