Electronic Components Datasheet Search
  English  ▼

X  

SCR100 Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # SCR100
Description  Atlas SCR - Triac and Thyristor Analyser (Model SCR100)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

SCR100 Datasheet(HTML) 1 Page - PEAK electronics GmbH

  SCR100 Datasheet HTML 1Page - PEAK electronics GmbH SCR100 Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCR100 Reseller Resources
Title
Atlas SCR - Triac and Thyristor Analyser (Model SCR100)
Catalogue copy
The Atlas SCR is specifically designed to automatically analyse a wide range of Triacs and
Thyristors (SCRs). Connect the part any way round and press test. The part type is identified
(Triac or Thyristor), the pinout is identified and the gate sensitivity is displayed in 1 of 9
sensitivity categories as well as gate voltage. Suitable for parts that require a gate trigger current
from less than 100uA up to 90mA. Load tests are performed with an internally generated load of
12V at 100mA, all from a single AAA alkaline battery (supplied). Not designed for in-circuit
use.
Features
Automatic pinout detection and identification, connect any way round.
Automatic Triac/Thyristor detection.
Generates gate currents from 100uA up to 90mA.
Gate sensitivity category displayed.
Constant load test of 12V at 100mA regardless of battery condition.
Supplied with gold plated red/green/blue universal hook probes.
Specification
Summary
1. Between any pair of test clips.
2. For battery voltage greater than 0.9V.
3. Subject to acceptable LCD visibility.
Parameter
Minimum
Typical
Maximum
Note
Peak test current
into S/C
100mA
120mA
1
Peak test voltage
across O/C
11.0V
12.0V
12.5V
1,2
Gate trigger current
range (I
GT)
0.1mA
90mA
Gate voltage
resolution (V
GT)
20mV
Battery type
AAA 1.5V Alkaline
Battery voltage
range
0.8V
1.5V
1.7V
Low battery
warning
1.1V
Inactivity power-
down period
25 seconds
Dimensions
(enclosure)
103 x 70 x 20 mm
Operating
temperature range
10°C
35°C
3
Photography
Page 1 of 2
SCR100 Resources
24/04/2012
http://www.peakelec.co.uk/resources/scr100.html


Similar Part No. - SCR100

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
SCR100 NPM-SCR100 Datasheet
975Kb / 2P
Nanopositioning Stage
SCR100-050 NPM-SCR100-050 Datasheet
975Kb / 2P
Nanopositioning Stage
SCR100-100 NPM-SCR100-100 Datasheet
975Kb / 2P
Nanopositioning Stage
SCR100-150 NPM-SCR100-150 Datasheet
975Kb / 2P
Nanopositioning Stage
SCR100-200 NPM-SCR100-200 Datasheet
975Kb / 2P
Nanopositioning Stage
More results

Similar Description - SCR100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
SCR / SCR and SCR / DIODE
logo
Sanken electric
TMA5X SANKEN-TMA5X Datasheet
273Kb / 12P
Triac (Bidirectional Triode Thyristor)
logo
PEAK electronics GmbH
DCA55T PEAK-DCA55T Datasheet
309Kb / 26P
PEAK ATLAS DCA SEMICONDUCTOR COMPONENT ANALYSER
logo
Sanken electric
TMA54S-L SANKEN-TMA54S-L Datasheet
273Kb / 12P
Triac (Bidirectional Triode Thyristor)
TMA124S-L SANKEN-TMA124S-L Datasheet
276Kb / 12P
Triac (Bidirectional Triode Thyristor)
TMA164P-L SANKEN-TMA164P-L Datasheet
267Kb / 12P
Triac (Bidirectional Triode Thyristor)
logo
Guangdong Kexin Industr...
03P2J KEXIN-03P2J Datasheet
1Mb / 3P
SCR Thyristor
MCK22-8 KEXIN-MCK22-8 Datasheet
2Mb / 3P
SCR Thyristor
BT169 KEXIN-BT169 Datasheet
1Mb / 4P
SCR Thyristor
BT169-HF KEXIN-BT169-HF Datasheet
1Mb / 4P
SCR Thyristor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com