Electronic Components Datasheet Search
  English  ▼

X  

LR78M18 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR78M18
Description  3-Terminal 0.5A Positive Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR78M18 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR78M18 Datasheet HTML 1Page - Leshan Radio Company LR78M18 Datasheet HTML 2Page - Leshan Radio Company LR78M18 Datasheet HTML 3Page - Leshan Radio Company LR78M18 Datasheet HTML 4Page - Leshan Radio Company LR78M18 Datasheet HTML 5Page - Leshan Radio Company LR78M18 Datasheet HTML 6Page - Leshan Radio Company LR78M18 Datasheet HTML 7Page - Leshan Radio Company LR78M18 Datasheet HTML 8Page - Leshan Radio Company LR78M18 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical Characteristics (LR78M06) (Continued)
(Refer to the test circuits, 0 < TJ < +125
°C, IO=350mA, VI =11V, unless otherwise specified, CI=0.33µF, CO=0.1µF)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in Vo due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25
°C
5.75
6
6.25
V
IO = 5mA to 350mA
VI = 8V to 21V
5.7
6
6.3
Line Regulation (Note1)
∆VO
IO = 200mA
TJ = +25
°C
VI = 8V to 25V
-
-
100
mV
VI = 9V to 25V
-
-
50
Load Regulation (Note1)
∆VO
IO = 5mA to 0.5A, TJ = +25
°C
-
-
120
mV
IO = 5mA to 200mA, TJ = +25
°C-
-
60
Quiescent Current
IQ
TJ = +25°C-
4.0
6.0
mA
Quiescent Current Change
∆IQ
IO = 5mA to 350mA
-
-
0.5
mA
IO = 200mA
VI = 9V to 25V
--
0.8
Output Voltage Drift
∆V/∆T
IO = 5mA
TJ = 0 to +125
°C
--0.5
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz
-
45
-
µV/Vo
Ripple Rejection
RR
f = 120Hz, IO = 300mA
VI = 9V to 19V, TJ =+25
°C
-80
-
dB
Dropout Voltage
VD
TJ =+25
°C, IO = 500mA
-
2
-
V
Short Circuit Current
ISC
TJ = +25
°C, VI= 35V
-
300
-
mA
Peak Current
IPK
TJ =+25
°C
-
700
-
mA
LESHAN RADIO COMPANY, LTD.
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com