Electronic Components Datasheet Search
  English  ▼

X  

LR78M18 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR78M18
Description  3-Terminal 0.5A Positive Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR78M18 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR78M18 Datasheet HTML 1Page - Leshan Radio Company LR78M18 Datasheet HTML 2Page - Leshan Radio Company LR78M18 Datasheet HTML 3Page - Leshan Radio Company LR78M18 Datasheet HTML 4Page - Leshan Radio Company LR78M18 Datasheet HTML 5Page - Leshan Radio Company LR78M18 Datasheet HTML 6Page - Leshan Radio Company LR78M18 Datasheet HTML 7Page - Leshan Radio Company LR78M18 Datasheet HTML 8Page - Leshan Radio Company LR78M18 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
• Output Current up to 0.5A
• Output Voltages of 5, 6, 8, 12, 15, 18, 24V
• Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe Operating Area (SOA)Protection
Description
The LR78MXX series of three-terminal
positive regulators are available in the TO-220/D-PAK
package with several fixed output voltages making it useful
in a wide range of applications.
TO-220
D-PAK
1. Input 2. GND 3. Output
1
1
GND
GND
Internal Block Digram
OUTPUT
3
R1
R2
GND
2
1
INPUT
SERIES
PASS
ELEMENT
SOA
PROTECTION
CURRENT
GENERATOR
STARTING
CIRCUIT
REFERENCE
VOLTAGE
ERROR
AMPLIFIER
THERMAL
PROTECTION
LR78MXX
3-Terminal 0.5A Positive Voltage Regulator
LESHAN RADIO COMPANY, LTD.
1/11


Similar Part No. - LR78M18

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR7800 LRC-LR7800 Datasheet
178Kb / 7P
LR7800 Series3-Terminal 1A Positive Voltage Regulators
logo
Seoul Semiconductor
LR780Z SEOUL-LR780Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LR781 SEOUL-LR781 Datasheet
376Kb / 14P
INFRARED LAMP LED
LR781 SEOUL-LR781 Datasheet
360Kb / 13P
CYAN LAMP LED
LR781 SEOUL-LR781 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LR78M18

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
3 Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com