Electronic Components Datasheet Search
  English  ▼

X  

LR1554 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR1554
Description  L ow Voltage 0.4 Quad SPDT Analog Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1554 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR1554 Datasheet HTML 1Page - Leshan Radio Company LR1554 Datasheet HTML 2Page - Leshan Radio Company LR1554 Datasheet HTML 3Page - Leshan Radio Company LR1554 Datasheet HTML 4Page - Leshan Radio Company LR1554 Datasheet HTML 5Page - Leshan Radio Company LR1554 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
DC Supply Voltage
VDD
1.5
4.6
V
Signals on NC
VNCX
-0.5
VSUP + 0.3
V
Signals on NO
VNOX
-0.5
VSUP + 0.3
V
Signals On COM
VCOM
-0.5
VSUP + 0.3
V
Peak Current(1)(VNC+VNO)
IPEAK
-500
+500
mA
Notes:
(1): Pulsed at 1ms, 10% duty circle
ELECTRICAL CHARACTERISTICS
Guaranteed Limit
Parameter
Symbol
Conditions
VDD
Min. Typ.(1) Max.
Unit
DC ELECTRICAL CHARACTERISTICS (Analog Section)
Input Signal Range
(2)
VAN
0
VDD
V
On Resistance
(2)
RON
ICOM =100mA ; VIN = 1.5V
4.0
2.7
0.4
0.4
0.6
0.6
Ω
On Resistance Flatness
(2, 3)
RFLAT
ICOM =100mA ; VIN = 0.8V to
2.0V
4.0
2.7
0.08
0.08
0.12
0.12
Ω
On Resistance Match Between
Channels
(2, 4)
△
RON
ICOM =100mA ; VIN = 1.5V
4.0
2.7
0.08
0.08
0.09
0.09
Ω
NC or NO Off Leakage Current
INC(OFF) or
INO(OFF)
VNO or VNC = 0.3V, 3.3V
4.2
3.6
-500
-400
500
400
nA
COM On Leakage Current
ICOM(ON)
VCOMX = 0.3V, 3.3V
4.2
3.6
-500
-400
500
400
nA
DC ELECTRICAL CHARACTERISTICS (Digital Section)
Input High Voltage
VIH
Minimum High Level Input
Voltage
4.2
3.3
1.6
1.3
V
Input Low Voltage
VIL
Maximum Low Level Input
Voltage
4.2
3.3
0.7
0.5
V
Input Current (High Level)
IAH
VA = 1.4V,Others = 0.5V
4.2
3.3
-1
-1
1
1
uA
Input Current (Low Level)
IAL
VA = 0.5V,Others = 1.4V
4.2
3.3
-1
-1
1
1
uA
Note:
(1). Typical characteristics are at 25°C
(2). Guaranteed by design. Resistance measurement do not include test circuit or package resistance
(3). Flatness is defined as the difference between the maximum and minimum value of on resistance as
measured over the specified analog signal ranges.
(4). △RON= RON(MAX) - RON(MIN) between channels
Leshan Radio Co ., Ltd
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com