Electronic Components Datasheet Search
  English  ▼

X  

LR1554 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR1554
Description  L ow Voltage 0.4 Quad SPDT Analog Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1554 Datasheet(HTML) 6 Page - Leshan Radio Company

  LR1554 Datasheet HTML 1Page - Leshan Radio Company LR1554 Datasheet HTML 2Page - Leshan Radio Company LR1554 Datasheet HTML 3Page - Leshan Radio Company LR1554 Datasheet HTML 4Page - Leshan Radio Company LR1554 Datasheet HTML 5Page - Leshan Radio Company LR1554 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PACKAGE OUTLINE DIMENSIONS
16L QFN 3X3 mm
D
PIN 1 DOT
BY MARKING
D2
e
b
TOP VIEW
SIDE VIEW
BOTTOM VIEW
PKG.
REF.
MIN.
NOM.
MAX.
A
0.700.750.80
A1
0.00
-
0.05
A3
D
2.953.003.05
E
2.953.003.05
b
0.180.250.30
L
0.300.400.50
D2
1.55
1.70
1.80
E2
1.55
1.70
1.80
e
0.2 REF.
0.5 BSC
W: VERY VERY THIN
COMMON DIMENSIONS (MM)
PIN #1 IDENTIFICATION
CHAMFER
Leshan Radio Co ., Ltd
6/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com